Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS5240VQ Datasheet (PDF) - Diodes Incorporated

DSS5240VQ Datasheet PDF - Diodes Incorporated
Part # DSS5240VQ
Download  DSS5240VQ Download
File Size   439.57 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP LOW SATURATION TRANSISTOR IN SOT563

DSS5240VQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS5240VQ Datasheet PDF - Diodes Incorporated

Part # DSS5240VQ
Download  DSS5240VQ Click to download

File Size   439.57 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP LOW SATURATION TRANSISTOR IN SOT563

DSS5240VQ Datasheet (HTML) - Diodes Incorporated


DSS5240VQ Product details

Description
This bipolar junction transistor (BJT) is designed to meet the stringent
requirements of automotive applications.

Features
• BVCEO > -40V
• IC = -1.8A High Continuous Collector Current
• ICM = -3A Peak Pulse Current
• Low Collector-Emitter Saturation Voltage
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The DSS5240VQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities

Mechanical Data
• Package: SOT563
• Package Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Finish—Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
• Weight 0.003 grams (Approximate)




Similar Part No. - DSS5240VQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5240V DIODES-DSS5240V Datasheet
176Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31673 Rev. 2 - 2
DSS5240V-7 DIODES-DSS5240V-7 Datasheet
176Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31673 Rev. 2 - 2
DSS5240V DIODES-DSS5240V_15 Datasheet
176Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
More results


Similar Description - DSS5240VQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTPS720MC DIODES-ZXTPS720MC Datasheet
269Kb / 10P
40V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
DUAL 40V PNP LOW SATURATION TRANSISTOR
JUNE 2003
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
ZXT13P40DE6 DIODES-ZXT13P40DE6_15 Datasheet
648Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 5
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
DXTP5840CFDB DIODES-DXTP5840CFDB Datasheet
416Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
October 2019 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com