Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTD3M832 Datasheet (PDF) - Diodes Incorporated

ZXTD3M832 Datasheet PDF - Diodes Incorporated
Part # ZXTD3M832
Download  ZXTD3M832 Download
File Size   352.04 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 40V PNP LOW SATURATION TRANSISTOR

ZXTD3M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTD3M832 Datasheet PDF - Diodes Incorporated

Part # ZXTD3M832
Download  ZXTD3M832 Click to download

File Size   352.04 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 40V PNP LOW SATURATION TRANSISTOR

ZXTD3M832 Datasheet (HTML) - Diodes Incorporated


ZXTD3M832 Product details

DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package) outline, these new 4th generation low saturation dual PNP transistors offer extremely low on state losses making them ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower Package Height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (-220mV max @1A)
• hFE specified up to -3A
• IC = -3A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control
• CCFL Backlighting




Similar Part No. - ZXTD3M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD3M832 ZETEX-ZXTD3M832 Datasheet
138Kb / 6P
MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR
ZXTD3M832TA ZETEX-ZXTD3M832TA Datasheet
138Kb / 6P
MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR
ZXTD3M832TC ZETEX-ZXTD3M832TC Datasheet
138Kb / 6P
MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR
More results


Similar Description - ZXTD3M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12P40DX ZETEX-ZXT12P40DX Datasheet
250Kb / 6P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX ZETEX-ZXT12P40DX_06 Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12P40DX DIODES-ZXT12P40DX Datasheet
334Kb / 7P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 2006
ZXTD720MC DIODES-ZXTD720MC Datasheet
192Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTPS720MC DIODES-ZXTPS720MC Datasheet
269Kb / 10P
40V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com