Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTPS720MC Datasheet (PDF) - Diodes Incorporated

ZXTPS720MC Datasheet PDF - Diodes Incorporated
Part # ZXTPS720MC
Download  ZXTPS720MC Download
File Size   269.85 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP LOW SATURATION TRANSISTOR AND

ZXTPS720MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTPS720MC Datasheet PDF - Diodes Incorporated

Part # ZXTPS720MC
Download  ZXTPS720MC Click to download

File Size   269.85 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP LOW SATURATION TRANSISTOR AND

ZXTPS720MC Datasheet (HTML) - Diodes Incorporated


ZXTPS720MC Product details

Features and Benefits
PNP Transistor
   • BVCEO > -40V
   • IC = -3A Continuous Collector Current
   • Low Saturation Voltage (-220mV max @ -1A)
   • RSAT = 104mΩ for a low equivalent On-Resistance
   • hFE characterized up to -3A for high current gain hold up
Schottky Diode
   • BVR > 40V
   • IFAV = 3A Average Peak Forward Current
   • Low VF < 500mV (@1A) for reduced power loss
   • Fast switching due to Schottky barrier
• Low profile 0.8mm high package for thin applications
• RθJA efficient, 40% lower than SOT26
• 6mm2 footprint, 50% smaller than TSOP6 and SOT26
• Lead-Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free. “Green” Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC – DC Converters
• Charging circuits
• Mobile phones
• Motor control
• Portable applications




Similar Part No. - ZXTPS720MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTPS717MC DIODES-ZXTPS717MC Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTPS717MCTA DIODES-ZXTPS717MCTA Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTPS718MC DIODES-ZXTPS718MC Datasheet
270Kb / 10P
20V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTPS718MCTA DIODES-ZXTPS718MCTA Datasheet
270Kb / 10P
20V PNP LOW SATURATION TRANSISTOR AND
Rev 2
More results


Similar Description - ZXTPS720MC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
DUAL 40V PNP LOW SATURATION TRANSISTOR
JUNE 2003
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com