Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet (PDF) - STMicroelectronics

ST25R200 Datasheet PDF - STMicroelectronics
Part # ST25R200
Download  ST25R200 Download
File Size   952.66 Kbytes
Page   88 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC/HF RFID reader IC

ST25R200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25R200 Datasheet PDF - STMicroelectronics

Part # ST25R200
Download  ST25R200 Click to download

File Size   952.66 Kbytes
Page   88 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC/HF RFID reader IC

ST25R200 Datasheet (HTML) - STMicroelectronics


ST25R200 Product details

Features
Operating modes
• Reader/writer
RF communication
• ISO14443A/NFC-A at 106 kbit/s
• ISO14443B/NFC-B at 106 kbit/s
• ISO15693/NFC-V up to 53 kbit/s
• NFC Forum T1T, T2T, T4T, and T5T tag types
• Proprietary protocols, such as Kovio, CTS, and B’
• Low level modes to implement MIFARE Classic® compliant or other custom
protocols
Key features
• Improved low power card detection based on inductive wake-up
• High output power with dynamic power output (DPO)
• Active wave shaping (AWS) with overshoot/undershoot protection
• Option to connect two independent single-ended antennas
• Integrated EMD handling
• Adjustable ASK modulation depth
• Automatic gain control and squelch feature to maximize SNR (signal-to-noise
ratio)
• Integrated regulators to boost system PSRR
• Measurement of antenna characteristics (I/Q channels)
• 256-byte FIFO
External communication interfaces
• Serial peripheral interface (SPI) up to 10 Mbit/s
Electrical characteristics
• Supply voltage range: from 2.7 to 5.5 V
• Peripheral communication supply range: from 2.7 to 5.5 V
• Antenna driver voltage range, up to 6 Vp
• Quartz oscillator capable of operating with 27.12 MHz crystal with fast startup
Package
• UFQFPN24 is ECOPACK2 compliant




Similar Part No. - ST25R200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R100 STMICROELECTRONICS-ST25R100 Datasheet
976Kb / 86P
NFC/HF RFID reader IC
25-Jun-2024
ST25R3909 STMICROELECTRONICS-ST25R3909 Datasheet
134Kb / 3P
AM/PM demodulator
15-Nov-2016
ST25R3910 STMICROELECTRONICS-ST25R3910 Datasheet
1Mb / 65P
AM/PM demodulator
08-Feb-2017
ST25R3910-BQFT STMICROELECTRONICS-ST25R3910-BQFT Datasheet
1Mb / 65P
AM/PM demodulator
08-Feb-2017
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
21-Nov-2016
More results


Similar Description - ST25R200

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
Texas Instruments
TRF79XXA TI1-TRF79XXA Datasheet
806Kb / 7P
HF-RFID Reader Layout Design Guide
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
ELATEC GmbH
T4BT-BB2BEL6 ELATEC-T4BT-BB2BEL6 Datasheet
231Kb / 4P
TWN4 MultiTech 2 LEGIC LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
T4BT-FB2BEL2-LCCID ELATEC-T4BT-FB2BEL2-LCCID Datasheet
212Kb / 3P
TWN4 MultiTech 2 HF PCSC Single-frequency PC/SC RFID reader (HF) with NFC support
11/2023
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
T4BT-FB2BEL6 ELATEC-T4BT-FB2BEL6 Datasheet
227Kb / 4P
TWN4 MultiTech 2 LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
T4FK-BBFRLM7 ELATEC-T4FK-BBFRLM7 Datasheet
264Kb / 3P
TWN4 USB Front Reader LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com