Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 5 Page - STMicroelectronics

  ST25R200 Datasheet HTML 1Page - STMicroelectronics ST25R200 Datasheet HTML 2Page - STMicroelectronics ST25R200 Datasheet HTML 3Page - STMicroelectronics ST25R200 Datasheet HTML 4Page - STMicroelectronics ST25R200 Datasheet HTML 5Page - STMicroelectronics ST25R200 Datasheet HTML 6Page - STMicroelectronics ST25R200 Datasheet HTML 7Page - STMicroelectronics ST25R200 Datasheet HTML 8Page - STMicroelectronics ST25R200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
2.1.2
Receiver
The receiver detects card modulation superimposed on the 13.56 MHz carrier signal. The receiver chain
incorporates several features that enable reliable operation in challenging and noisy conditions.
The receiver is connected to the antenna via the pins RFI1 and RFI2. The output of the receiver is connected to
the framing block that decodes the demodulated and digitized subcarrier signal.
2.1.3
Quartz crystal oscillator
The quartz crystal oscillator operates with 27.12 MHz crystals. At startup, the transconductance of the oscillator is
increased to achieve a fast startup. Since the startup time varies with crystal type, temperature and other
parameters, the oscillator amplitude is observed, and an interrupt is sent when a stable oscillator operation is
reached.
2.1.4
Power supply regulators
Integrated power supply regulators ensure a high power supply rejection ratio for the complete reader system.
Different voltage regulators supply separate blocks to decouple from noise sources.
2.1.5
POR and bias
This block provides bias currents and reference voltages to all other blocks. It also incorporates a power-on reset
(POR) circuit, which provides a reset at power-up and at low supply levels.
2.1.6
RC oscillator and wake-up timer
The RC oscillator allows the wake-up timer to run and periodically trigger a measurement of its surroundings
during wake-up mode.
2.1.7
Tx coding
This block encodes the transmit frames according to the selected RF communication mode and bit rate. It
generates the SOF (start of frame), EOF (end of frame), CRC, and parity bits automatically. The data to be
transmitted is taken from the FIFO.
2.1.8
Rx framing
This block decodes received frames according to the selected RF communication mode and bit rate. The SOF
(start of frame), EOF (end of frame), CRC, and parity bits are automatically checked and removed by this block.
The received data is then placed in the FIFO.
2.1.9
Control logic
This block drives all activity of the device based on the commands received via the serial interface and the
configurations present on the registers.
2.1.10
FIFO
A 256-byte FIFO is available for exchanging data via the transmitter and receiver. Depending on the mode, it
contains either data that has been received or data to be transmitted.
2.1.11
SPI
A 4-wire serial peripheral interface (SPI) is available for communication between the device and the host/
microcontroller.
ST25R200
Functional overview
DS13658 - Rev 2
page 5/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com