Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics ST25R200 Datasheet HTML 29Page - STMicroelectronics ST25R200 Datasheet HTML 30Page - STMicroelectronics ST25R200 Datasheet HTML 31Page - STMicroelectronics ST25R200 Datasheet HTML 32Page - STMicroelectronics ST25R200 Datasheet HTML 33Page - STMicroelectronics ST25R200 Datasheet HTML 34Page - STMicroelectronics ST25R200 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
5.14.4
Tx driver register
Address: 03h
Type: RW
Domain: PD
Table 11. Tx driver register
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
RFU
0
-
-
3
d_res3
0
RFO driver resistance
-
2
d_res2
0
-
1
d_res1
0
-
0
d_res0
0
-
Table 12. RFO driver resistance
d_res3:0
d_res3
d_res2
d_res1
d_res0
Driver output resistance (normalized)(1)
0
0
0
0
0
1
1
0
0
0
1
1.19
2
0
0
1
0
1.4
3
0
0
1
1
1.61
4
0
1
0
0
1.79
5
0
1
0
1
2.02
6
0
1
1
0
2.49
7
0
1
1
1
2.94
8
1
0
0
0
3.41
9
1
0
0
1
4.06
10
1
0
1
0
5.95
11
1
0
1
1
8.26
12
1
1
0
0
17.1
13
1
1
0
1
36.6
14
1
1
1
0
51.2
15
1
1
1
1
High Z
1. The value must be multiplied by the RFO resistance from Section 6: Electrical characteristics to obtain the driver output
resistance for the corresponding d_res setting.
ST25R200
Application information
DS13658 - Rev 2
page 31/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com