Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics ST25R200 Datasheet HTML 48Page - STMicroelectronics ST25R200 Datasheet HTML 49Page - STMicroelectronics ST25R200 Datasheet HTML 50Page - STMicroelectronics ST25R200 Datasheet HTML 51Page - STMicroelectronics ST25R200 Datasheet HTML 52Page - STMicroelectronics ST25R200 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Bit
Name
Default
Function
Comment
0
sq_en
1
1: Automatic squelch activation after end of
transmission
Activated 18.88 μs after end of
transmission, terminated with mask receive
timer expiration
5.14.29
Mask receive timer register
Address: 1Ch
Type: RW
Domain: RD
Table 44. Mask receive timer register
Bit Name Default
Function
Comment
7
mrt7
0
mrt_step = 00:
Step: 16 / fc (1.18 μs)
Range: 16 / fc (~1.18 μs) to 4080 / fc (~300.1 μs)
mrt_step = 01:
Step: 32 / fc (2.36 μs)
Range: 32 / fc (~2.36 μs) to 8260 / fc (~601.77 ms)
mrt_step = 10:
Step: 64 / fc (4.72 μs)
Range: 256 / fc (~4.72 μs) to 16320 / fc (~1.2 ms)
mrt_step = 11:
Step: 512 / fc (37.78 μs)
Range: 512 / fc (37.78 μs) to 130560 / fc (9.62 ms)
Defines time after end of transmission during
which receiver output is masked (ignored).
6
mrt6
0
5
mrt5
0
4
mrt4
0
3
mrt3
1
2
mrt2
0
1
mrt1
1
0
mrt0
1
5.14.30
Squelch timer register
Address: 1Dh
Type: RW
Domain: RD
Table 45. Squelch timer register
Bit Name Default
Function
Comment
7
sqt7
0
Steps defined by
MRT configuration
mrt_step<1:0>
Squelch is enabled 18.88μs -151μs after the end of transmission, as defined in
sq_del<1:0>.
Squelch is enabled until the time defined on sqt<7:0>.
In case sqt < sq_del, there is no squelch period (and Gain reduction from
previous reception are used as starting point for AGC).
In case sqt > mrt, Squelch is enabled until the MRT expires.
6
sqt6
0
5
sqt5
0
4
sqt4
0
3
sqt3
1
2
sqt2
0
1
sqt1
1
0
sqt0
1
ST25R200
Application information
DS13658 - Rev 2
page 49/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com