Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 14Page - STMicroelectronics ST25R200 Datasheet HTML 15Page - STMicroelectronics ST25R200 Datasheet HTML 16Page - STMicroelectronics ST25R200 Datasheet HTML 17Page - STMicroelectronics ST25R200 Datasheet HTML 18Page - STMicroelectronics ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
Figure 11. SPI communication: reading of single byte
1
A5
A4
A3
A2
A1
A0
0
X
SCLK rising edge
Data is moved
from address
<A6-A0>
BSS rising
edge signals
end of READ
Mode
‘1’ Read
D4
D3
D2
D1
D0
D7
D6
tristate
tristate
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
SCLK falling
edge Data is
transfered to µC
D5
BSS
SCLK
MOSI
MISO
A6
Figure 12. SPI communication: reading of multiple bytes
BSS
SCLK
MOSI
1
A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
tristate
X
Data is moved
from Address
<A6-A0> + n
BSS rising edge
signals end of
READ Mode
‘1’ Read
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D0
D
7
D
6
D
1
D
0
Data is moved
from Address
<A6-A0> + (n-1)
Data is moved
from Address
<A6-A0> + 1
Data is
moved from
Address
<A6-A0>
A
6
0
tristate
MISO
Direct command mode
The direct command mode has no additional data apart from the command code itself, therefore a single byte is
sent MSB first. Execution of the direct command starts after the last clock.
Figure 13. SPI communication: direct command
C7
1
1
C4
C3
C2
C1
C0
X
X
SCLK rising edge
Data is transferred
from µC
SCLK falling edge
Data is sampled
Last SCLK falling edge
signals start of command
execution
Command
BSS
SCLK
MOSI
While the execution of some direct commands is immediate, there are others that start a process of certain
duration (for instance calibration, and measurements). During the execution of such commands it is not allowed to
start another activity over the SPI interface, an IRQ is sent when the execution has terminated.
ST25R200
Application information
DS13658 - Rev 2
page 18/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com