Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
5.12
Wake-up mode
Once in PD mode, the bit wu_en sets the ST25R200 into wake-up mode (WU), which is used to perform low
power card detection. An integrated low-power 26.48 kHz RC oscillator and configurable wake-up timer (WUT)
are used to trigger periodic measurements.
Usually the presence of a card is detected by RF/NFC polling. In this process, the reader field is periodically
turned on and the host checks whether a card is present using RF commands. This procedure consumes
considerable energy since the reader emits a field for long periods before a command can be issued, due to
guard time fulfillment.
Low power detection of card presence is performed by detecting a change in the reader environment, produced
by an approaching detuning element. When a change is detected, an interrupt is sent to the host. The host can
then perform the regular RF/NFC polling afterwards.
In wake-up mode the ST25R200 performs periodic measurements and sends an IRQ to the host when a
difference to the configured reference value is detected.
The ST25R200 monitors the I and Q channels to assess a variation on the antenna surroundings.
The latest measurement value is shown in i_adc<7:0> and q_adc<7:0>, and the current reference is defined on
i_ref<7:0> and q_ref<7:0>. ADC values are provided in 8-bit signed values using two's complement
representation. The delta/difference to the reference that triggers a wake-up interrupt is defined in i_diff<5:0> and
q_diff<5:0>.
Card detection
The presence of a card close to the reader antenna coil produces a change of the antenna LC tank signal. The
reader field activation time required to perform the measurement is extremely short, compared to the activation
time required to send a protocol activation command.
The power level during the measurement can be lower than that during normal operation as the card does not
have to be powered to produce a coupling effect. The emitted power can be configured by changing the RFO
driver resistance.
An IRQ is sent when the difference between a measured value and reference value is larger than the configured
delta/diff value. There are two possibilities how to define the reference value, controlled by the bit iq_aaref:
•
The ST25R200 can automatically calculate the reference based on previous measurements (auto-
averaging)
•
The host determines the reference value(s) and sets it on i_ref<7:0> and q_ref<7:0>
Auto-averaging
In case auto-averaging is enabled (iq_aaref = 1) the reference value is recalculated after every measurement.
The last measurement value, the old reference value, and the weight are used in this calculation.
The following formula is used to calculate the new reference value:
new_reference = old_reference - (old_reference - measured_value) / weight
The bits i_iirqm and q_iirqm define whether a measurement that causes an interrupt is taken into account for the
average value calculation.
The influence that the new measurement has over the reference can be configured by a weight defined in bits
i_aaw<1:0> and q_aaw<1:0>
Calibration
The wake-up mode has an additional calibration step that can be executed manually or automatically. The bits
skip_cal and skip_recal control the automatic calibration behavior.
When starting the wake-up mode, if skip_cal = 0, a calibration step is performed automatically on the first WUT
timeout.
While the wake-up mode is running and skip_recal = 0, if reference ± delta/diff is larger than 63, a recalibration is
performed.
Wake-up IRQ
The device allows to configure the conditions when a wake-up IRQ is sent to the host.
This behaviour is defined by bits i_tdi_en<2:0> and q_tdi_en<2:0> and the following three conditions can be used:
ST25R200
Application information
DS13658 - Rev 2
page 24/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com