Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 17Page - STMicroelectronics ST25R200 Datasheet HTML 18Page - STMicroelectronics ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
The GPT can be started by sending the direct command start GPT. If this command is sent while the timer is
running, it is reset and restarted.
The GPT can be terminated using the direct command stop all activities.
Wake-up timer (WUT)
This timer is primarily used in the wake-up mode.
It can also be triggered by sending the direct command start WUT. When this command is sent, the RC oscillator,
which is used as the clock source for the wake-up timer, is started. When the timer expires, an IRQ with the I_wut
flag is sent.
As the RC oscillator is the clock source for the WUT, it can run during PD mode. The other timers, which are
based on the crystal oscillator, cannot be used in PD or WU mode.
Note:
The tolerance of WUT is defined by the tolerance of the RC oscillator.
5.10
Reader operation
To perform the function of the reader, the ST25R200 must be placed in RD mode as detailed on
Section 5.2: Power-on sequence. Once in RD mode, the mode (om<3:0>) and bitrates (tx_rate<1:0>,
rx_rate<1:0>) to be used must be defined, as well as all the needed configurations for the transmitter and receiver
paths. Both the transmitter (tx_en) and receiver (rx_en) shall be enabled.
Several NFC standards define a guard time, which requires that the reader field must be turned on for a certain
duration (for instance 5 ms for ISO14443A/B) before the first command is sent.
Recommended preparation and execution of a transceiver operation:
•
Execute the direct command stop all activities
•
Execute the direct command reset Rx gain
•
Configure the timers accordingly
•
Define the length of data to be transmitted (ntx<12:0> and nbtx<2:0>)
•
Write the bytes to be transmitted in the FIFO
•
Send the direct command transmit data
•
When all the data is transmitted, an IRQ is sent to inform the host that the transmission is finished (I_txe)
After the transmission is completed, the receiver automatically starts to observe the RFI inputs to detect a tag
response. In case it is enabled (sq_en, agc_en) the squelch and AGC are started, the framing block processes
the subcarrier signal from the receiver and fills the FIFO with data. When the reception is started an IRQ with the
flag I_rxs is signaled, and the data is placed in the FIFO. When reception is completed, an IRQ is sent to the host
(I_rxe), and the FIFO status register 1 and FIFO status register 1 display the amount of data in the FIFO and
further information so the host can process it. When data frames longer than the FIFO are to be transmitted or
received, an additional step is needed.
During transmission, when the remaining number of bytes is lower than the FIFO water level, an IRQ due to the
FIFO water level (I_wl) is signaled. The host then shall add more data in the FIFO. This step shall be repeated the
number of times needed to transmit the full frame. When all the data is transmitted, an IRQ (I_txe) is sent to
inform the host that the transmission has finished.
Similarly during reception, when the FIFO is loaded with more data than the FIFO water level, an IRQ (I_wl) is
sent and the host shall retrieve the data from the FIFO. This step shall be repeated the number of times needed
to receive the full frame. When the reception is finished, an IRQ (I_rxe) is sent to the host and the remainder of
the data could be retrieved from the FIFO. FIFO water level is 128 bytes in both directions (transmission and
reception).
The diagrams below depict a few examples of transceiver operations.
ST25R200
Application information
DS13658 - Rev 2
page 21/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com