Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 64Page - STMicroelectronics ST25R200 Datasheet HTML 65Page - STMicroelectronics ST25R200 Datasheet HTML 66Page - STMicroelectronics ST25R200 Datasheet HTML 67Page - STMicroelectronics ST25R200 Datasheet HTML 68Page - STMicroelectronics ST25R200 Datasheet HTML 69Page - STMicroelectronics ST25R200 Datasheet HTML 70Page - STMicroelectronics ST25R200 Datasheet HTML 71Page - STMicroelectronics ST25R200 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
5.15.8
Calibrate WU measurement
The command calibrates the WU measurement.
The command is triggered manually and may also be automatically executed during WU mode (depending on
skip_cal and skip_recal configuration bits).
When executed from PD mode it first triggers the transition to RD mode, waits for the oscillator to become stable,
enables the field, and then performs the measurement.
In RD mode, it enables the field and then performs the measurement itself.
Calibration result available in the I/Q channel WU display calibration registers.
5.15.9
Clear WU calibration
The command clears the WU calibration to its default value.
Calibration result is available in the I/Q channel WU display calibration registers.
5.15.10
I/Q measurement and sense RF
These commands allow the user to measure the I and Q components of the RFI signal, whether it is an external
or self-emitted field.
The measurements are similar to the WU measurement but they can only be triggered once in RD mode and the
state of the transmitter is kept. Depending on tx_en it measures its own field, or check for the presence of an
external one.
Before executing the measurement, a clear WU calibration command shall be executed.
The measurement result is available at:
•
I/Q measurement: i_adc<7:0> and q_adc<7:0>
•
Sense RF: rf_ind<6:0> as a combination of I and Q
Note:
Both measurements take into account the configured gain, and calibration configuration. In the absence of the
self
‑emitted field, the external signal is not synchronous and may lead to uneven results. It may be used to
check for the presence of an external field, but not to accurately assess its intensity.
5.15.11
Transparent mode
This command sets the receiver and transmitter into the transparent mode. The device enters the transparent
mode on the rising edge of the BSS signal of the SPI frame used to send the direct command. The transparent
mode is maintained as long as the signal BSS is kept high, that is, the following SPI command sent from the host
is automatically stopped the transparent mode.
5.15.12
Start GPT
This command manually starts the general purpose timer.
5.15.13
Start WUT
This command manually starts the wake-up timer.
5.15.14
Start MRT
This command manually starts the mark receive timer. Along with MRT, Start MRT command starts the NRT in
case nrt<15:0> ≠ 0.
5.15.15
Start NRT
This command manually starts the no response timer.
5.15.16
Stop NRT
This command manually stops the no response timer.
ST25R200
Application information
DS13658 - Rev 2
page 68/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com