Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R200 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 42Page - STMicroelectronics ST25R200 Datasheet HTML 43Page - STMicroelectronics ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics ST25R200 Datasheet HTML 48Page - STMicroelectronics ST25R200 Datasheet HTML 49Page - STMicroelectronics ST25R200 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
5.14.22
Protocol transmission register 3
Address: 15h
Type: RW
Domain: RD
Table 37. Protocol transmission register 3
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
RFU
0
-
-
3
RFU
0
-
-
2
RFU
0
-
-
1
RFU
0
-
-
0
RFU
0
-
-
5.14.23
Protocol reception register 1
Address: 16h
Type: RW
Domain: RD
Table 38. Protocol reception register 1
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
b_rx_sof
1
1: SOF PICC to PCD
According to ISO14443-3 chapter 7.10.3.3
Support of B’ (no SOF)
4
b_rx_eof
1
1: EOF PICC to PCD
According to ISO14443-3 chapter 7.10.3.3
3
a_rx_par
1
1: Receive with parity check
-
2
rx_crc
1
1: Receive with CRC check
-
1
rx_nbtx
0
0: Received bits are positioned normally
1: Received bits are positioned according
to nbtx<2:0> setting (ISO14443A)
nbtx<2:0> bits define the position of the first bit in the first
byte in consecutive reception
0
antcl
0
1: ISO14443A/ISO15693 bit oriented
anticollision frame
Shall be set to 1 when ISO14443A/ISO15693 bit-oriented
anticollision frame is expected.
When enabled:
coll_lvl is used to detect colliding bits the first parity bit is
ignored in case the split happens within the byte
ST25R200
Application information
DS13658 - Rev 2
page 46/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com