Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N80L-TN3-R Datasheet (PDF) - Unisonic Technologies

2N80L-TN3-R Datasheet PDF - Unisonic Technologies
Part # 2N80L-TN3-R
Download  2N80L-TN3-R Download
File Size   663.9 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.0A, 800V NHANNEL POWER MOSFET

2N80L-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
2N80L-TN3-R Datasheet PDF - Unisonic Technologies

Part # 2N80L-TN3-R
Download  2N80L-TN3-R Click to download

File Size   663.9 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.0A, 800V NHANNEL POWER MOSFET

2N80L-TN3-R Datasheet (HTML) - Unisonic Technologies


2N80L-TN3-R Product details

 DESCRIPTION
The UTC 2N80-C provide excellent RDS(ON), low gate charge
and operation with low gate voltages. This device is suitable for
use as a load switch or in PWM applications.

 FEATURES0
* RDS(ON) ≤ 5.6 Ω @ VGS=10V, ID=1.0A
* Low Reverse Transfer Capacitance
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 2N80L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N80L-TN3-R UTC-2N80L-TN3-R Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80L-TN3-R UTC-2N80L-TN3-R Datasheet
235Kb / 6P
2A, 800V N-CHANNEL POWER MOSFET
2N80L-TN3-R UTC-2N80L-TN3-R Datasheet
263Kb / 7P
N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2N80L-TN3-R DOINGTER-2N80L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - 2N80L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Rohm
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
R8002KND3 ROHM-R8002KND3 Datasheet
2Mb / 14P
Nch 800V 1.6A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
Nch 800V 8A Power MOSFET
R8003KND3 ROHM-R8003KND3 Datasheet
1Mb / 14P
Nch 800V 3A Power MOSFET
20190619 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com