Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N80L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N80L-TN3-R
Description  2.0A, 800V NHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N80L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N80L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 2N80L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N80-C
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2021 Unisonic Technologies Co., Ltd
QW-R205-507.C
2.0A, 800V NHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N80-C provide excellent RDS(ON), low gate charge
and operation with low gate voltages. This device is suitable for
use as a load switch or in PWM applications.
FEATURES0
* RDS(ON) ≤ 5.6 Ω @ VGS=10V, ID=1.0A
* Low Reverse Transfer Capacitance
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N80L-TA3-T
2N80G-TA3-T
TO-220
G
D
S
Tube
2N80L-TF3-T
2N80G-TF3-T
TO-220F
G
D
S
Tube
2N80L-TF1-T
2N80G-TF1-T
TO-220F1
G
D
S
Tube
2N80L-TM3-T
2N80G-TM3-T
TO-251
G
D
S
Tube
2N80L-TN3-R
2N80G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 2N80L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N80L-TN3-R UTC-2N80L-TN3-R Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80L-TN3-R UTC-2N80L-TN3-R Datasheet
235Kb / 6P
2A, 800V N-CHANNEL POWER MOSFET
2N80L-TN3-R UTC-2N80L-TN3-R Datasheet
263Kb / 7P
N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2N80L-TN3-R DOINGTER-2N80L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 2N80L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Rohm
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
R8002KND3 ROHM-R8002KND3 Datasheet
2Mb / 14P
Nch 800V 1.6A Power MOSFET
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
Nch 800V 8A Power MOSFET
R8003KND3 ROHM-R8003KND3 Datasheet
1Mb / 14P
Nch 800V 3A Power MOSFET
20190619 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com