Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9164 Datasheet (PDF) - Analog Devices

AD9164 Datasheet PDF - Analog Devices
Part # AD9164
Download  AD9164 Download
File Size   2973.08 Kbytes
Page   137 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 12 GSPS, RF DAC and Direct Digital Synthesizer

AD9164 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9164 Datasheet PDF - Analog Devices

Part # AD9164
Download  AD9164 Click to download

File Size   2973.08 Kbytes
Page   137 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 12 GSPS, RF DAC and Direct Digital Synthesizer

AD9164 Datasheet (HTML) - Analog Devices


AD9164 Product details

FEATURES
DAC update rate up to 12 GSPS (minimum)
Direct RF synthesis at 6 GSPS (minimum)
DC to 2.5 GHz in baseband mode
DC to 6 GHz in 2× nonreturn-to-zero (NRZ) mode
1.5 GHz to 7.5 GHz in Mix-Mode
Bypassable interpolation
2×, 3×, 4×, 6×, 8×, 12×, 16×, 24×
Excellent dynamic performance
Fast frequency hopping
APPLICATIONS
Broadband communications systems
DOCSIS 3.1 CMTS/ video on demand (VOD)/edge quadrature amplitude modulation (EQAM)
Wireless communications infrastructure
W-CDMA, LTE, LTE-A, point to point




Similar Part No. - AD9164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9164 AD-AD9164 Datasheet
2Mb / 137P
DAC update rate up to 12 GSPS
Rev. A
AD9164-FMC-EBZ AD-AD9164-FMC-EBZ Datasheet
2Mb / 137P
DAC update rate up to 12 GSPS
Rev. A
AD9164-FMCB-EBZ AD-AD9164-FMCB-EBZ Datasheet
2Mb / 137P
DAC update rate up to 12 GSPS
Rev. A
AD9164-FMCC-EBZ AD-AD9164-FMCC-EBZ Datasheet
2Mb / 137P
DAC update rate up to 12 GSPS
Rev. A
AD9164BBCA AD-AD9164BBCA Datasheet
2Mb / 137P
DAC update rate up to 12 GSPS
Rev. A
More results


Similar Description - AD9164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com