Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK11C68 Datasheet (PDF) - Simtek Corporation

STK11C68 Datasheet PDF - Simtek Corporation
Part # STK11C68
Download  STK11C68 Download
File Size   475.46 Kbytes
Page   16 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 8Kx8 SoftStore nvSRAM

STK11C68 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK11C68 Datasheet PDF - Simtek Corporation

Part # STK11C68
Download  STK11C68 Click to download

File Size   475.46 Kbytes
Page   16 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 8Kx8 SoftStore nvSRAM

STK11C68 Datasheet (HTML) - Simtek Corporation


STK11C68 Product details

DESCRIPTION

The Simtek STK11C68 is a 64Kb fast static RAM with a nonvolatile Quantum Trap storage element included with each memory cell. The SRAM provides the fast access & cycle times, ease of use, and unlimited read & write endurance of a normal SRAM.



FEATURES

• 25, 35, 45, and 55 ns Read Access & R/W Cycle Times

• Unlimited Read/Write Endurance

• Pin compatible with Industry Standard SRAMs

• Software-initiated Non-Volatile STORE

• Automatic RECALL to SRAM on Power Up

• Unlimited RECALL cycles

• 1 Million STORE Cycles

• 100-Year Non-volatile Data Retention

• Single 5V + 10% Operation

• Commercial, Industrial, and Military Temperatures

• 28 pin 330 mil SOIC (RoHS-Compatible)

• 28-pin CDIP and LCC packages



 




Similar Part No. - STK11C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK11C68-5C35M ETC-STK11C68-5C35M Datasheet
59Kb / 10P
CMOS NV SRAM
logo
Cypress Semiconductor
STK11C68-5C35M CYPRESS-STK11C68-5C35M Datasheet
536Kb / 15P
64 Kbit (8K x 8) SoftStore nvSRAM
More results


Similar Description - STK11C68

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
RTC Module With 8Kx8 NVSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
SoftStore 8K x 8 nvSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
8Kx8 AutoStore nvSRAM
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
SoftStore 8K x 8 nvSRAM
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
SoftStore 32K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
SoftStore 32K x 8 nvSRAM Die
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
32Kx8 SoftStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com