Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1852 Datasheet (PDF) - Analog Devices

AD1852 Datasheet PDF - Analog Devices
Part # AD1852
Download  AD1852 Download
File Size   501.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC

AD1852 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1852 Datasheet PDF - Analog Devices

Part # AD1852
Download  AD1852 Click to download

File Size   501.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC

AD1852 Datasheet (HTML) - Analog Devices


AD1852 Product details

FEATURES 5 V stereo audio DAC system Accepts 16-bit/18-bit/20-bit/24-bit data Supports 24 bits, 192 kHz sample rate Accepts a wide range of sample rates including
32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and 192 kHz Multibit Σ-Δ modulator with perfect differential linearity
restoration for reduced idle tones and noise floor Data-directed scrambling DAC—least sensitive to jitter Differential output for optimum performance
117 dB signal-to-noise (not muted) at 48 kHz sample rate (A-weighted mono) 114 dB signal-to-noise (not muted) at 48 kHz sample rate (A-weighted stereo)
117 dB dynamic range (not muted) at 48 kHz sample rate (A-weighted mono) 114 dB dynamic range (not muted) at 48 kHz sample rate (A-weighted stereo)
−105 dB THD+N (mono application circuit)
−102 dB THD+N (stereo) 115 dB stop-band attenuation
On-chip clickless volume control
Hardware and software controllable clickless mute Serial (SPI) control for: serial mode, number of bits, sample
rate, volume, mute, de-emp
Digital de-emphasis processing for 32 kHz, 44.1 kHz, 48 kHz
sample rates Clock autodivide circuit supports five master-clock frequencies Flexible serial data port with right-justified, left-justified,
I2S-compatible and DSP serial port modes
28-Lead SSOP plastic package
APPLICATIONS
High end
DVDs, CDs, home theater systems, automotive, audio
systems, sampling musical keyboards, digital mixing
consoles, and digital audio effects processors




Similar Part No. - AD1852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1852JRS AD-AD1852JRS Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1852JRSRL AD-AD1852JRSRL Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1852JRSZ AD-AD1852JRSZ Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
More results


Similar Description - AD1852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com