Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1955 Datasheet (PDF) - Analog Devices

AD1955 Datasheet PDF - Analog Devices
Part # AD1955
Download  AD1955 Download
File Size   903.27 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Multibit DAC with SACD Playback

AD1955 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1955 Datasheet PDF - Analog Devices

Part # AD1955
Download  AD1955 Click to download

File Size   903.27 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Multibit DAC with SACD Playback

AD1955 Datasheet (HTML) - Analog Devices


AD1955 Product details

FEATURES
5 V Power Supply Stereo Audio DAC System
Accepts 16-/18-/20-/24-Bit Data
Supports 24-Bit, 192 kHz Sample Rate PCM Audio Data
Supports SACD Bit Stream and External Digital Filter
Interface
Accepts a Wide Range of PCM Sample Rates Including:
32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and
192 kHz
Multibit Sigma-Delta Modulator with "Perfect Differential
Linearity Restoration" for Reduced Idle Tones and
Noise Floor
Data Directed Scrambling DAC––Low Sensitivity to Jitter
Supports SACD Playback with "Bit Expansion" Filter
Differential Current Output for Optimum Performance
8.64 mA p-p Differential Output
120 dB SNR/DNR (not muted) at 48 kHz Sample Rate
(A-Weighted Stereo)
123 dB SNR/DNR (Mono)
–110 dB THD + N
110 dB Stop-Band Attenuation with 0.0002 dB
Pass-Band Ripple
8 Oversampling Digital Filter
On-Chip Clickless Volume Control
Supports SACD-Mute Pattern Detection
Supports 64 fS/128 fS DSD SACD with Phase Mode
Internal Digital Filter Pass-Through for External Filter
Master Clock: 256 fS, 512 fS, 768 fS
Hardware and Software Controllable Clickless Mute
Serial (SPI) Control for Serial Mode, Number of Bits,
Sample Rate, Volume, Mute, De-Emphasis, Mono Mode
Digital De-Emphasis for 32 kHz, 44.1 kHz, and 48 kHz
Sample Rates
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S, and DSP Modes
28-Lead SSOP Plastic Package
APPLICATIONS
High End DVD Audio
SACD
CD
Home Theater Systems
Automotive Audio Systems
Sampling Musical Keyboards
Digital Mixing Consoles
Digital Audio Effects Processors




Similar Part No. - AD1955

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955 AD-AD1955 Datasheet
259Kb / 10P
High Performance Multibit DAC with SACD Playback
AD1955ARS AD-AD1955ARS Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955ARSRL AD-AD1955ARSRL Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955YRS AD-AD1955YRS Datasheet
259Kb / 10P
High Performance Multibit DAC with SACD Playback
More results


Similar Description - AD1955

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
AD1955 AD-AD1955 Datasheet
259Kb / 10P
High Performance Multibit DAC with SACD Playback
AD1958 AD-AD1958 Datasheet
135Kb / 8P
PLL/Multibit DAC
AD1959 AD-AD1959 Datasheet
107Kb / 8P
PLL/Multibit DAC
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
High Performance Multibit - DAC with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
Stereo, 96 kHz, Multibit DAC
REV. B
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
PLL/Multibit DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com