Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1955 Datasheet (PDF) - Analog Devices

AD1955 Datasheet PDF - Analog Devices
Part # AD1955
Download  AD1955 Download
File Size   259.08 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Multibit DAC with SACD Playback

AD1955 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1955 Datasheet PDF - Analog Devices

Part # AD1955
Download  AD1955 Click to download

File Size   259.08 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Multibit DAC with SACD Playback

AD1955 Datasheet (HTML) - Analog Devices


AD1955 Product details

PRODUCT OVERVIEW

The AD1955 is a complete high performance single-chip stereo digital audio playback system. It is comprised of a multibit sigma-delta modulator, high performance digital interpolation filters, and continuoustime differential current output DAC section. Other features include an on-chip clickless stereo attenuator, mute capability, programmed through an SPI-compatible serial control port.



FEATURES

5V Power Supply Stereo Audio DAC System.

Accepts 16/18/20/24-Bit Data

Supports 24-Bits, 192kHz Sample Rate PCM Audio Data

Supports SACD bit-stream and External Digital Filter Interface

Accepts a Wide Range of PCM Sample Rates Including:

  32kHz, 44.1kHz. 48kHz, 88.2kHz, 96kHz, and 192kHz

Multibit Sigma Delta Modulator with “Perfect Differential

  Linearity Restoration” for Reduced Idle Tones and Noise Floor

Data Directed Scrambling DAC - Least Sensitive to Jitter

Supports SACD playback with “Bit Expansion” filter

Differential Current Output for Optimum Performance

8.64 mA p-p Output Current with +3dB headroom in SACD mode

120 dB SNR/DNR (not muted) at 48KHz Sample Rate (A-Weighted Stereo)

123 dB SNR/DNR (Mono)

-110 dB THD+N

110 dB Stopband Attenuation with +/-0.0002dB Passband Ripple

8 Times Oversampling Digital Filter

On-chip Clickless Volume Control

Supports SACD-Mute pattern detection

Supports 64fs/128fs DSD SACD with phase modulation

Internal Digital Filter pass-through for External Filter

Master clock: 256fs,384fs,512fs,768fs

Hardware and Software Controllable Clickless Mute

Serial (SPI) Control for: Serial Mode, Number of Bits,

Sample Rate, Volume, Mute, De-emphasis, Mono Mode

Digital De-emphasis for 32, 44.1, 48 KHz Sample Rates

Flexible Serial Data Port with Right-Justified, Left-Justified, I2S-Compatible and DSP Serial Port

28 Lead SSOP Plastic Package



APPLICATIONS

High-End DVD-Audio, SACD, CD, Home Theatre Systems, Automotive

Audio Systems, Sampling Musical Keyboards, Digital Mixing

Consoles, Digital Audio Effects Processors




Similar Part No. - AD1955

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955 AD-AD1955 Datasheet
903Kb / 24P
High Performance Multibit DAC with SACD Playback
REV. 0
AD1955ARS AD-AD1955ARS Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955ARS AD-AD1955ARS Datasheet
903Kb / 24P
High Performance Multibit DAC with SACD Playback
REV. 0
AD1955ARSRL AD-AD1955ARSRL Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1955ARSRL AD-AD1955ARSRL Datasheet
903Kb / 24P
High Performance Multibit DAC with SACD Playback
REV. 0
More results


Similar Description - AD1955

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1854 AD-AD1854 Datasheet
390Kb / 12P
Stereo, 96 kHz, Multibit DAC
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
AD1958 AD-AD1958 Datasheet
135Kb / 8P
PLL/Multibit DAC
AD1959 AD-AD1959 Datasheet
107Kb / 8P
PLL/Multibit DAC
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
High Performance Multibit - DAC with SACD Playback
REV. 0
AD1955ARSZ AD-AD1955ARSZ Datasheet
903Kb / 24P
High Performance Multibit with SACD Playback
REV. 0
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
Stereo, 96 kHz, Multibit DAC
REV. B
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
PLL/Multibit DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com