Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4855 Datasheet (PDF) - Analog Devices

AD4855 Datasheet PDF - Analog Devices
Part # AD4855
Download  AD4855 Download
File Size   2853.15 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Buffered, 8-Channel Simultaneous Sampling, 16-Bit 250 kSPS DAS

AD4855 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4855 Datasheet PDF - Analog Devices

Part # AD4855
Download  AD4855 Click to download

File Size   2853.15 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Buffered, 8-Channel Simultaneous Sampling, 16-Bit 250 kSPS DAS

AD4855 Datasheet (HTML) - Analog Devices


AD4855 Product details

FEATURES
► Complete 16-bit data acquisition system
► Simultaneous sampling of 8 internally buffered channels
► 250 kSPS per channel throughput
► Differential, wide common-mode range inputs
► ±75 pA typical input leakage at 25°C
► Full-scale input step settling time < 300 ns
► Integrated reference and reference buffer (4.096 V)
► Integrated supply decoupling capacitors
► 27 mW per channel at 250 kSPS, scales with throughput
► Minimal external signal conditioning
► Seamless high dynamic range
► Per sample, per channel automatic gain ranging
► Maintains ppm-level INL
► Per channel SoftSpan input ranges, bipolar or unipolar
► ±40 V, ±25 V, ±20 V, ±12.5 V, ±10 V, ±6.25 V, ±5 V, ±2.5 V
► 0 V to 40 V, 25 V, 20 V, 12.5 V, 10 V, 6.25 V, 5 V, 2.5 V
► Rail-to-rail input overdrive tolerance
► High performance
► INL: ±160 μV typical (±40 V range)
► SNR: 94.6 dB single-conversion typical (±40 V range)
► DR: 98.1 dB single-conversion typical (±40 V range)
► THD: −117 dB typical (±40 V range)
► CMRR: 120 dB typical
► Digital flexibility
► SPI CMOS (0.9 V to 5.25 V) and LVDS serial input and output
► Optional oversampling with 16-bit digital averaging
► Optional offset, gain, and phase correction
► 7.00 mm × 7.00 mm, 64-ball BGA full solution footprint
APPLICATIONS
► Automatic test equipment
► Avionics and aerospace
► Instrumentation and control systems
► Semiconductor manufacturing
► Test and measurement




Similar Part No. - AD4855

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4851 AD-AD4851 Datasheet
2Mb / 67P
Buffered, 4-Channel Simultaneous Sampling, 16-Bit 250kSPS DAS
Rev. 0
AD4851BBCZ AD-AD4851BBCZ Datasheet
2Mb / 67P
Buffered, 4-Channel Simultaneous Sampling, 16-Bit 250kSPS DAS
Rev. 0
AD4851BBCZ-RL-13 AD-AD4851BBCZ-RL-13 Datasheet
2Mb / 67P
Buffered, 4-Channel Simultaneous Sampling, 16-Bit 250kSPS DAS
Rev. 0
AD4852 AD-AD4852 Datasheet
2Mb / 67P
Buffered, 4-Channel Simultaneous Sampling, 20-Bit 250kSPS DAS
Rev. 0
AD4852BBCZ AD-AD4852BBCZ Datasheet
2Mb / 67P
Buffered, 4-Channel Simultaneous Sampling, 20-Bit 250kSPS DAS
Rev. 0
More results


Similar Description - AD4855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
REV. 0
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Rev. 0
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Rev. 0
AD4858 AD-AD4858 Datasheet
2Mb / 70P
Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com