Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1372 Datasheet (PDF) - Maxim Integrated Products

DS1372 Datasheet PDF - Maxim Integrated Products
Part # DS1372
Download  DS1372 Download
File Size   167.19 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C, 32-Bit, Binary Counter Clock with 64-Bit ID

DS1372 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1372 Datasheet PDF - Maxim Integrated Products

Part # DS1372
Download  DS1372 Click to download

File Size   167.19 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C, 32-Bit, Binary Counter Clock with 64-Bit ID

DS1372 Datasheet (HTML) - Maxim Integrated Products


DS1372 Product details

General Description
The DS1372 is a 32-bit binary up counter and 24-bit down counter with a unique 64-bit ID. The counters, ID, configuration, and status registers are accessed using an I2C serial interface. The DS1372 includes a SQW/INT open-drain output that can output either a square wave at one of four predefined frequencies, or it can output an active-low signal when the 24-bit down counter reaches 0.

Features
♦ Compliant with Microsoft Windows Media® DRM 10 for Portable Devices
♦ 32-Bit Binary Counter
♦ Programmable Alarm
♦ 64-Bit Factory-Programmed ID
♦ Interrupt Output
♦ I2C Serial Interface
♦ Two Selectable I2C Addresses
♦ 2.4V to 5.5V Operating Voltage Range
♦ 1.3V to 5.5V Timekeeping Operating Range
♦ -40°C to +85°C Operating Temperature Range
♦ 8-Pin µSOP

Applications
    Portable Audio and Video Players




Similar Part No. - DS1372

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS1372 BRIDGELUX-DS1372 Datasheet
1Mb / 15P
Dim-To-Warm Gen 3 13mm Array
09/2025
More results


Similar Description - DS1372

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
4-bit binary counter
1996 Jan 29
logo
Fairchild Semiconductor
DM74LS193 FAIRCHILD-DM74LS193 Datasheet
74Kb / 7P
Synchronous 4-Bit Binary Counter with Dual Clock
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
14-bit Binary Counter
logo
Maxim Integrated Produc...
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
I2C 32-Bit Binary Counter RTC
Rev 9/11
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com