Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1371 Datasheet (PDF) - Maxim Integrated Products

DS1371 Datasheet PDF - Maxim Integrated Products
Part # DS1371
Download  DS1371 Download
File Size   966.02 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire, 32-Bit Binary Counter Watchdog Clock

DS1371 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1371 Datasheet PDF - Maxim Integrated Products

Part # DS1371
Download  DS1371 Click to download

File Size   966.02 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire, 32-Bit Binary Counter Watchdog Clock

DS1371 Datasheet (HTML) - Maxim Integrated Products


DS1371 Product details

General Description
The DS1371 is a 32-bit binary counter that is designed to continuously count time in seconds. An additional counter that can generate a periodic alarm or serve as a watchdog timer is also provided. If enabled as a watchdog timer, the watchdog strobe input pin provides a hardware reset of the counter. If disabled, this counter can be used as 3 Bytes of generalpurpose RAM. A configurable output can be used as an interrupt or provide a square wave at one of four selectable frequencies. The device is programmed serially through a I2C bidirectional bus.

Features
■ 32-Bit Binary Counter
■ 24-Bit Binary Counter Provides Periodic Alarm, Watchdog Timer, or RAM
■ Strobe Input to Reset Watchdog Timer
■ Single Output Configurable as Interrupt or Square Wave
■ I2C Serial Interface
■ Low-Voltage Operation
■ Operating Temperature Range: -40°C to +85°C
■ Available in 8-Pin μSOP

Applications
    Servers
    Point-of-Sale Equipment
    Portable Instruments
    Elapsed Time Measurements




Similar Part No. - DS1371

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS1371 BRIDGELUX-DS1371 Datasheet
1Mb / 15P
Dim-To-Warm Gen 3 9mm Array
09/2025
logo
Dallas Semiconductor
DS1371U DALLAS-DS1371U Datasheet
498Kb / 15P
I2C, 32-Bit Binary Counter
DS1371U+ DALLAS-DS1371U+ Datasheet
498Kb / 15P
I2C, 32-Bit Binary Counter
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
I2C, 32-Bit Binary Counter
More results


Similar Description - DS1371

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
4-bit binary counter
1996 Jan 29
logo
Fairchild Semiconductor
DM74LS193 FAIRCHILD-DM74LS193 Datasheet
74Kb / 7P
Synchronous 4-Bit Binary Counter with Dual Clock
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
14-bit Binary Counter
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1372 MAXIM-DS1372 Datasheet
167Kb / 12P
I2C, 32-Bit, Binary Counter Clock with 64-Bit ID
Rev 0; 7/07
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
I2C 32-Bit Binary Counter RTC
REV: 031406
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
I2C 32-Bit Binary Counter RTC
Rev 9/11
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com