Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRQSSPA1.23 Datasheet (PDF) - OSRAM GmbH

GRQSSPA1.23 Datasheet PDF - OSRAM GmbH
Part # GRQSSPA1.23
Download  GRQSSPA1.23 Download
File Size   1761.69 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.

GRQSSPA1.23 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRQSSPA1.23 Datasheet PDF - OSRAM GmbH

Part # GRQSSPA1.23
Download  GRQSSPA1.23 Click to download

File Size   1761.69 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.

GRQSSPA1.23 Datasheet (HTML) - OSRAM GmbH


GRQSSPA1.23 Product details

Features
- Package: SMD epoxy package
- Typ. Radiation: 120°
- Lumen maintenance: Test results according to IESNA LM-80 available
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 87 lm
- Luminous Efficacy: typ. 115 lm/W





Similar Part No. - GRQSSPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRQSSPA1.23 OSRAM-GRQSSPA1.23 Datasheet
1Mb / 22P
OSCONIQ® P 3030
2019-04-22 Version 1.0
GRQSSPA1.23 OSRAM-GRQSSPA1.23_V01 Datasheet
1Mb / 22P
OSCONIQ® P 3030
2019-04-22 Version 1.0
More results


Similar Description - GRQSSPA1.23

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XME3E1E OPTOSUPPLY-OSM5XME3E1E Datasheet
144Kb / 2P
Xeon 3 Power Warm White LED Long Lifetime Operation Superior UV Resistance
OSYYJ25111A OPTOSUPPLY-OSYYJ25111A Datasheet
112Kb / 1P
5mm Round Yellow &Yellow LED Superior Weather-resistance Long Lifetime Operation
logo
Infineon Technologies A...
BSC098N10NS5 INFINEON-BSC098N10NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
Superior thermal resistance
Rev.2.1,2014-06-19
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
GACSHPM1.23 AMSCO-GACSHPM1.23 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2022-09-12
GHCS8PM1.24 AMSCO-GHCS8PM1.24 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.16 2022-09-13
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com