Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRQSSPA1.23 Datasheet (PDF) - OSRAM GmbH

GRQSSPA1.23 Datasheet PDF - OSRAM GmbH
Part # GRQSSPA1.23
Download  GRQSSPA1.23 Download
File Size   1161.86 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSCONIQ® P 3030

GRQSSPA1.23 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRQSSPA1.23 Datasheet PDF - OSRAM GmbH

Part # GRQSSPA1.23
Download  GRQSSPA1.23 Click to download

File Size   1161.86 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSCONIQ® P 3030

GRQSSPA1.23 Datasheet (HTML) - OSRAM GmbH


GRQSSPA1.23 Product details

Applications
- Accent (BAR)
- Architecture

Features:
- Package: SMD epoxy package
- Typ. Radiation: 120°
- Corrosion Robustness Class: 3B
- Lumen maintenance: Test results according to IESNA LM-80 available
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 73 lm
- Luminous Efficacy: typ. 99 lm/W





Similar Part No. - GRQSSPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRQSSPA1.23 OSRAM-GRQSSPA1.23 Datasheet
1Mb / 22P
The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2023-08-25
GRQSSPA1.23-KQKS-R1R3-1 OSRAM-GRQSSPA1.23-KQKS-R1R3-1 Datasheet
1Mb / 22P
The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2023-08-25
GRQSSPA1.23-KRKT-R1R3-1 OSRAM-GRQSSPA1.23-KRKT-R1R3-1 Datasheet
1Mb / 22P
The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2023-08-25
More results


Similar Description - GRQSSPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
Seoul Semiconductor
STFRC12B SEOUL-STFRC12B Datasheet
973Kb / 18P
Horticulture ??3030 series
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
Bridgelux® SMD 3030 Series
05/2016
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com