Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet (PDF) - Analog Devices

ADL5567ACPZN-R7 Datasheet PDF - Analog Devices
Part # ADL5567ACPZN-R7
Download  ADL5567ACPZN-R7 Download
File Size   734.86 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier

ADL5567ACPZN-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5567ACPZN-R7 Datasheet PDF - Analog Devices

Part # ADL5567ACPZN-R7
Download  ADL5567ACPZN-R7 Click to download

File Size   734.86 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier

ADL5567ACPZN-R7 Datasheet (HTML) - Analog Devices


ADL5567ACPZN-R7 Product details

FEATURES
−3 dB bandwidth of 4.3 GHz
High performance (HP), low power (LP), and power down modes
Preset 20 dB gain can be reduced by adding external resistors
Channel to channel gain error: 0.04 dB at 500 MHz
Channel to channel phase error: 0.6° at 500 MHz
Differential or single-ended input to differential output
Internally dc-coupled inputs and outputs
Low noise input stage: 7.4 dB noise figure at 500 MHz
Low broadband distortion for supply = 5 V, HP mode, and 2 V p-p
200 MHz: −94 dBc (HD2), −103 dBc (HD3)
500 MHz: −82 dBc (HD2), −82 dBc (HD3)
IMD3 of −104 dBc at 200 MHz and −90 dBc at 500 MHz
Low single-ended input distortion
Slew rate: 20 V/ns
Maintains low distortion for output common-mode voltage down to 1.25 V
Single-supply operation: 3.3 V or 5 V
Low dc power consumption: 148 mA at 5 V (HP mode), and 80 mA at 3.3 V (LP mode)
APPLICATIONS
Differential ADC drivers
Single-ended to differential conversions
RF/IF gain blocks
SAW filter interfacing




Similar Part No. - ADL5567ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5567ACPZN-R7 AD-ADL5567ACPZN-R7 Datasheet
888Kb / 24P
4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
REV. 0
More results


Similar Description - ADL5567ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
100.05-4.0 GHz Dual High Dynamic Range Amplifier
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5567 AD-ADL5567 Datasheet
888Kb / 24P
4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
Rev. E
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
8/2019-Rev. B to Rev. C
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com