Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5567ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADL5567
Data Sheet
Rev. A | Page 4 of 23
Parameter
Test Conditions/
Comments
VS = 3.3 V
VS = 5 V
Min
Typ
Max
Min
Typ
Max
Unit
Supply Current (ISUPPLY)
Total for two channels
High Performance Mode
ENBLx = high, PMx = low
138
150
148
160
mA
Low Power Mode
ENBLx = high, PMx = high
80
85
mA
Disabled (Power Down)
ENBLx = low, PMx = don't
care
7
9
mA
NOISE/HARMONIC PERFORMANCE
10 MHz
Second Harmonic Distortion (HD2)
−88
−93
dBc
Third Harmonic Distortion (HD3)
−90
−94
dBc
Output Third-Order Intercept
(OIP3)
42.6
46.3
dBm
Third-Order Intermodulation
Distortion (IMD3)
−89
−97
dBc
Output Second-Order Intercept
(OIP2)
90.2
90.9
dBm
Second-Order Intermodulation
Distortion (IMD2)
−92
−93
dBc
Output 1 dB Compression Point
(OP1dB)
12.8
16.6
dBm
Noise Figure (NF)
6.7
6.8
dB
Noise Spectral Density (NSD),
Referred to Input (RTI)1
1.21
1.23
nV/√Hz
100 MHz
HD2
−88
−94
dBc
HD3
−89
−101
dBc
OIP3
42.5
46.5
dBm
IMD3
−89
−97
dBc
OIP2
84.5
94.2
dBm
IMD2
−87
−96
dBc
OP1dB
13.0
16.9
dBm
NF
6.8
6.8
dB
NSD, RTI1
1.23
1.23
nV/√Hz
200 MHz
HD2
−88
−94
dBc
HD3
−86
−103
dBc
OIP3
43.5
49.8
dBm
IMD3
−91
−104
dBc
OIP2
80.7
88.8
dBm
IMD2
−83
−91
dBc
OP1dB, Referred to Output (RTO)
12.6
16.7
dBm
NF
7.0
7.1
dB
NSD, RTI
1.27
1.29
nV/√Hz
500 MHz2
HD2
−77
−82
dBc
HD3
−70
−82
dBc
OIP3
37
42.8
dBm
IMD3
−78
−90
dBc
OIP2
76.7
82.0
dBm
IMD2
−79
−84
dBc
NF
7.3
7.4
dB
NSD, RTI
1.32
1.34
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com