Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADL5567
Data Sheet
Rev. A | Page 20 of 23
SOLDERING INFORMATION AND RECOMMENDED
LAND PATTERN
Figure 53 shows the recommended land pattern for the ADL5567.
The ADL5567 is contained in a 4 mm × 4 mm LFCSP package,
which has an exposed ground pad (EP). This pad is internally
connected to the ground of the chip. To minimize thermal
impedance and ensure electrical performance, solder the pad to
the low impedance ground plane on the PCB. To further reduce
thermal impedance, it is recommended that the ground planes
on all layers under the paddle be stitched together with vias.
For more information on land pattern design and layout, refer
to the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
The land pattern on the ADL5567 evaluation board provides a
simulated thermal resistance (θJA) of 56 °C/W.
13 MILS
39 MILS
12 MILS
91 MILS
13.7 MILS
19.7 MILS
Figure 53. Recommended Land Pattern
EVALUATION BOARD
Figure 54 shows the schematic of the ADL5567 evaluation board.
The evaluation board is powered by a single supply in the 3 V to
5 V range. The power supply is decoupled by 10 µF and 0.1 µF
capacitors. Inductors L1 and L2 decouple the ADL5567 from the
power supply. Table 7 details the various configuration options of
the evaluation board.
Figure 55 and Figure 56 show the component and circuit side
layouts of the evaluation board.
The balanced input and output interfaces are converted to single-
ended with a pair of baluns (Mini-Circuits TCM1-43X+). The
baluns at the input, T1 and T2, provide a 50 Ω single-ended to
differential transformation. The output baluns, T3 and T4, and the
matching components are configured to provide a 200 Ω to 50 Ω
impedance transformation with an insertion loss of about 11 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com