Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADL5567
Rev. A | Page 19 of 23
Table 6. Example RC Values for Various Bandwidth Limits
Component
Value/Device
Description/Comments
Amplifier
½ ADL5567
One channel
RSERIES
10 Ω
Small value to minimize loss
Wideband Configuration
BW
3 GHz
Wide BW allows undersampling operation
CFILTER (See Figure 51)
1 pF
Final value depends on PCB parasitics
Nyquist Band Configuration
BW
1.8 GHz
Filters noise and harmonics above Nyquist frequency
CFILTER (See Figure 51)
2.2 pF
Final value depends on PCB parasitics
ADC
AD9625
2.6 GSPS, 12-bit ADC
AVDD –2V
PAD
ADL5567
MINI-CIRCUITS
Bias-TEE
ZFBT-4R2GW
DC OFFSET:
550mV
AVDD –2V
AVDD 3.3V
AVDD
DRVDD
20Ω
10kΩ
VCOM
VIP
PM
VIN
AVDD
3.3V
AVDD
M2V
10kΩ
95Ω
100Ω
0.75pF
ADC
INTERNAL
INPUT Z
AD9625
VCM
51Ω
10Ω
10Ω
20Ω
20Ω
0.1µF
CFILTER
1pF
CFILTER
1pF
ANALOG
INPUT
INPUT
Z = 50Ω
1µF
Figure 51. Wideband ADC Interfacing Example: ADL5567 Driving the AD9625
50Ω
ANALYZER
84.5Ω
84.5Ω
ETC1-1
0.1µF
0.1µF
34.8Ω
34.8Ω
VIN1
VIP1
AC
50Ω
0.1µF
0.1µF
ETC1-1
VS
5nH
0.1µF
ADL5567
AMPLIFIER 1
50Ω
50Ω
Figure 52. General-Purpose Characterization Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com