Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADL5567
Data Sheet
Rev. A | Page 10 of 23
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–20
0
20
40
60
80
100
–100
–80
–60
–40
–20
0
20
5V HP, OIP2
5V LP, OIP2
3.3V HP, OIP2
3.3V LP, OIP2
5V HP, IMD2
5V LP, IMD2
3.3V HP, IMD2
3.3V LP, IMD2
Figure 15. IMD2 and OIP2 vs. Frequency over Supply Voltage and Power Modes
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
5V HP, HD2
5V LP, HD2
3.3V HP, HD2
3.3V LP, HD2
Figure 16. HD2 vs. Frequency over Supply Voltage and Power Modes
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
5V HP, HD3
5V LP, HD3
3.3V HP, HD3
3.3V LP, HD3
Figure 17. HD3 vs. Frequency over Supply Voltage and Power Modes
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
5V HP, HD2, +25°C
5V LP, HD2, +25°C
5V HP, HD2, –40°C
5V HP, HD2, +85°C
5V LP, HD2, –40°C
5V LP, HD2, +85°C
3.3V LP, HD2, +25°C
3.3V HP, HD2, +25°C
3.3V LP, HD2, +85°C
3.3V LP, HD2, –40°C
3.3V HP, HD2, –40°C
3.3V HP, HD2, +85°C
Figure 18. HD2 vs. Frequency over Temperature, Supply Voltage,
and Power Modes
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
3.3V HP, HD3, +25°C
3.3V LP, HD3, +25°C
3.3V HP, HD3, +85°C
3.3V HP, HD3, –40°C
3.3V LP, HD3, –40°C
3.3V LP, HD3, +85°C
5V HP, HD3, +25°C
5V LP, HD3, +25°C
5V HP, HD3, +85°C
5V HP, HD3, –40°C
5V LP, HD3, +85°C
5V LP, HD3, –40°C
Figure 19. HD3 vs. Frequency over Temperature, Supply Voltage,
and Power Modes
–120
–100
–80
–60
–40
–20
0
–2
0
2
4
6
8
10
POUT PER TONE (dBm)
5V HP, HD2
5V HP, HD3
3.3V LP, HD2
3.3V LP, HD3
Figure 20. HD2 and HD3 vs. Output Power (POUT) per Tone, 3.3 V LP Mode
and 5 V HP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com