Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5567ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5567ACPZN-R7
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5567ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5567ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADL5567
Data Sheet
Rev. A | Page 14 of 23
THEORY OF OPERATION
The ADL5567 is a high gain, fully differential dual amplifier/
ADC driver that operates on a single power supply voltage (VS) of
3.3 V or 5 V. Internal resistors preset the gain to 20 dB, and external
resistors can be added to reduce this gain. The −3 dB bandwidth is
4.3 GHz, and it has a differential input impedance of 100 Ω. It has
a differential output impedance of 10 Ω and an operating output
common-mode voltage range of 1.25 V to 3 V with 5 V supply.
The ADL5567 is composed of a pair of fully differential amplifiers
with on-chip feedback and feedforward resistors. The gain is fixed
at 20 dB, but it can be reduced by adding two resistors in series with
the two inputs (see the Gain Adjustment and Interfacing section).
The amplifier provides a high differential open-loop gain and has
an output common-mode circuit that enables the user to change
the output common-mode voltage by applying a voltage to a
VCOMx pin.
Each amplifier provides superior low distortion for frequencies
near dc to beyond 500 MHz, with low noise and low power
consumption. The low distortion and noise are realized with a
3.3 V power supply at 140 mA. This amplifier achieves an IMD3
of −104 dBc at 200 MHz, and −90 dBc IMD3 at 500 MHz for
2 V p-p operation. In addition, the ADL5567 can deliver 5 V p-p
operation under heavy loads. The internal gain is set at 20 dB,
and the device has a noise figure of 7.1 dB and a RTI voltage
NSD of 1.29 nV/√Hz at 200 MHz. When comparing noise
figure and distortion performance, this amplifier delivers the
best in category spurious-free dynamic range (SFDR).
The ADL5567 is very flexible in terms of input/output coupling.
It can be ac-coupled or dc-couplied. For dc coupling, the output
common-mode voltage can be adjusted (using the VCOMx pins)
from 1.25 V to 1.8 V for VS at 3.3 V, and up to 3 V with VS at 5 V.
The distortion performance as a function of common-mode
voltage is shown in Figure 22 and Figure 23. Note that the input
common-mode voltage follows the output common-mode
voltage when at the inputs are ac-coupled.
AC
½
ADL5567
½
RS
½
RS
0.1µF
0.1µF
50Ω
50Ω
500Ω
500Ω
5Ω
+
–
5Ω
RL
0.1µF
0.1µF
Figure 38. Basic Structure
For dc-coupled inputs, the input common-mode voltage must
stay between 1.2 V and 1.8 V for a 3.3 V supply and 1.3 V to 3.5 V
for a 5 V supply. Note again that for ac-coupled applications with
series capacitors at the inputs, as shown in Figure 38, the input
common-mode level is set to be the same as the voltage at VCOMx.
Due to the wide input common-mode range, this device can
easily be dc-coupled to many types of mixers, demodulators,
and amplifiers. Forcing a higher input common-mode level does
not affect the output common-mode level in dc-coupled opera-
tions. If the outputs are ac-coupled, no external VCOMx voltage
adjustment is required because the amplifier output common-
mode level is set to VS/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com