Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980 Datasheet (PDF) - Analog Devices

AD7980 Datasheet PDF - Analog Devices
Part # AD7980
Download  AD7980 Download
File Size   719.14 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier

AD7980 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7980 Datasheet PDF - Analog Devices

Part # AD7980
Download  AD7980 Click to download

File Size   719.14 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier

AD7980 Datasheet (HTML) - Analog Devices


AD7980 Product details

FEATURES
Ultralow supply current
Full power mode: 500 μA
Sleep mode: 74 μA
Shutdown mode: 2.9 μA
Dynamic power scaling
Turn-on time from shutdown mode: 1.5 μs
Turn-on time from sleep mode: 0.45 μs
High speed performance with dc precision
Input offset voltage: 125 μV maximum
Input offset voltage drift: 1.5 μV/°C maximum
−3 dB bandwidth: 105 MHz
Slew rate: 160 V/ μs
Low noise and distortion
5.9 nV/√Hz input voltage noise with 8 Hz 1/f corner
−102 dBc/−126 dBc HD2/HD3 at 100 kHz
Wide supply range: 2.7 V to 10 V
Small package: 8-lead SOT-23
APPLICATIONS
Portable and battery-powered instruments and systems
High channel density data acquisition systems
Precision analog-to-digital converter (ADC) drivers
Voltage reference buffers
Portable point of sales terminals
Active RFID readers




Similar Part No. - AD7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7980 AD-AD7980 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7980 AD-AD7980 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7980 AD-AD7980 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results


Similar Description - AD7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4806-1 AD-ADA4806-1 Datasheet
661Kb / 24P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4806-1 AD-ADA4806-1_16 Datasheet
711Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Rev. 0
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
Analog Devices
ADA4805-2-EP AD-ADA4805-2-EP Datasheet
233Kb / 9P
0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
Rev. 0
logo
STMicroelectronics
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com