Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2256V-SN Datasheet (PDF) - Princeton Technology Corp

PT2256V-SN Datasheet PDF - Princeton Technology Corp
Part # PT2256V-SN
Download  PT2256V-SN Download
File Size   417.88 Kbytes
Page   19 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Electronic Volume Controller IC

PT2256V-SN Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2256V-SN Datasheet PDF - Princeton Technology Corp

Part # PT2256V-SN
Download  PT2256V-SN Click to download

File Size   417.88 Kbytes
Page   19 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Electronic Volume Controller IC

PT2256V-SN Datasheet (HTML) - Princeton Technology Corp


PT2256V-SN Product details

DESCRIPTION

PT2256V is an electronic volume controller IC utilizing CMOS Technology specially designed for use on audio equipment. It has 2 built-in channels making itideally suitable for mono and stereo sound applications. PT2256V provides the Loudness Function, a wide frequency response range and a very low total harmonic distortion, thereby guaranteeing a highly effective and reliable performance. It is housed in 16-pin DIP or SOP and is functionally compatible with TC9235P. Pin assignments and application circuit are optimized for low cost advantages and easy PCB Layout.



FEATURES

•CMOS Technology

• Low Power Consumption

• Wide Operation Voltage Range: VDD=4.5 ~11V

• Least External Components

• 2 Channels in the same chip

• 0dB to -78dB Attenuation can be controlled by UP and Down Pin

• 20dB Tap for Loudness Circuit

• Built-in DC Output Circuit (8 levels) for Volume Level Metering

• Wide Frequency Response Range

• Low Total Harmonic Distortion

• Available in 16 pins DIP or SOP




Similar Part No. - PT2256V-SN

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2256 PTC-PT2256 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2256-S PTC-PT2256-S Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2256-S PTC-PT2256-S Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2256-SL PTC-PT2256-SL Datasheet
394Kb / 21P
Electronic Volume Controller IC
More results


Similar Description - PT2256V-SN

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com