Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCELMM2.TK Datasheet (PDF) - OSRAM GmbH

KWCELMM2.TK Datasheet PDF - OSRAM GmbH
Part # KWCELMM2.TK
Download  KWCELMM2.TK Download
File Size   1906.9 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.

KWCELMM2.TK Datasheet (PDF)

Go To PDF Page Download Datasheet
KWCELMM2.TK Datasheet PDF - OSRAM GmbH

Part # KWCELMM2.TK
Download  KWCELMM2.TK Click to download

File Size   1906.9 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.

KWCELMM2.TK Datasheet (HTML) - OSRAM GmbH


KWCELMM2.TK Product details

Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.3104, Cy = 0.3162 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KWCELMM2.TK

ManufacturerPart #DatasheetDescription
logo
ams AG
KWCELMM1.TG AMSCO-KWCELMM1.TG Datasheet
1Mb / 24P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.2 2021-07-26
logo
OSRAM GmbH
KWCELMM1.TG OSRAM-KWCELMM1.TG Datasheet
1Mb / 25P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.3 2024-02-08
More results


Similar Description - KWCELMM2.TK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4192 STMICROELECTRONICS-AN4192 Datasheet
4Mb / 47P
In the latest generation of CPUs for modern desktop and notebook platforms
13-Nov-2012
logo
PHOENIX CONTACT
1424412 PHOENIX-1424412 Datasheet
74Kb / 3P
good shielding in the event of electromagnetic interference
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
Linx Technologies
ANT-315-CW-RH LINX-ANT-315-CW-RH Datasheet
354Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
ANT-418-CW-RAH LINX-ANT-418-CW-RAH Datasheet
379Kb / 2P
The RAH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
12/4/13
ANT-433-CW-RH LINX-ANT-433-CW-RH Datasheet
361Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
logo
ams AG
KWCELMM1.TG AMSCO-KWCELMM1.TG Datasheet
1Mb / 24P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.2 2021-07-26
GWCSSRM1.CC AMSCO-GWCSSRM1.CC Datasheet
5Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.5
GWCSSRM1.EC AMSCO-GWCSSRM1.EC Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.PC AMSCO-GWCSSRM1.PC Datasheet
2Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com