Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10H150CTG Datasheet (PDF) - ON Semiconductor

MBRF10H150CTG Datasheet PDF - ON Semiconductor
Part # MBRF10H150CTG
Download  MBRF10H150CTG Download
File Size   186.27 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 150 V, 10 A

MBRF10H150CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF10H150CTG Datasheet PDF - ON Semiconductor

Part # MBRF10H150CTG
Download  MBRF10H150CTG Click to download

File Size   186.27 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 150 V, 10 A

MBRF10H150CTG Datasheet (HTML) - ON Semiconductor


MBRF10H150CTG Product details

Features and Benefits
• Low Forward Voltage
• Low Power Loss/High Efficiency
• High Surge Capability
• 10 A Total (5 A Per Diode Leg)
• Guard−Ring for Stress Protection
• This is a Pb−Free Device
Applications
• Power Supply − Output Rectification
• Power Management
• Instrumentation
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight (Approximately): 1.9 Grams
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds




Similar Part No. - MBRF10H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
100Kb / 5P
SWITCHMODE??Power Rectifier 150 V, 10 A
April, 2008 ??Rev. 1
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
60Kb / 5P
Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBRF10H150CTG ONSEMI-MBRF10H150CTG_16 Datasheet
60Kb / 5P
Switch-mode Power Rectifier
July, 2016 ??Rev. 2
More results


Similar Description - MBRF10H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
100Kb / 5P
SWITCHMODE??Power Rectifier 150 V, 10 A
April, 2008 ??Rev. 1
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
FSV10150V ONSEMI-FSV10150V Datasheet
226Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 150 V
June, 2018 ??Rev. 2
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150_V01 Datasheet
392Kb / 16P
150 V, 3 A power Schottky rectifier
October 2019
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
logo
STMicroelectronics
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com