Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2308P-C Datasheet (PDF) - Princeton Technology Corp

PT2308P-C Datasheet PDF - Princeton Technology Corp
Part # PT2308P-C
Download  PT2308P-C Download
File Size   278.95 Kbytes
Page   12 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2-Channel 300mW Class AB Power Amplifier

PT2308P-C Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2308P-C Datasheet PDF - Princeton Technology Corp

Part # PT2308P-C
Download  PT2308P-C Click to download

File Size   278.95 Kbytes
Page   12 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2-Channel 300mW Class AB Power Amplifier

PT2308P-C Datasheet (HTML) - Princeton Technology Corp


PT2308P-C Product details

DESCRIPTION

PT2308P is a 2 channel Class AB stereo speaker driver utilizing CMOS technology designed by AB push-pull, the original sound will be low distortion amplify and low consumption. The power of PT2308P will be reach 300mW on THD=10% and deliver 8Ω load.



FEATURES

• Wild operating temperature large

• Excellent Power Signal-to-Noise Repel Rate (PSRR)

• Low static state current consumption

• Output power (THD=10% )

   - Load is 16Ω/190mW

   - Load is 8Ω/300mW

• Low harmonics distortion (THD=0.03%)

• Large output amplitude



APPLICATIONS

• Walkman

• Portable audio

• HI-FI audio system

• CD-ROM



 




Similar Part No. - PT2308P-C

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308P-S PTC-PT2308P-S Datasheet
273Kb / 8P
2-Channel 300mW Class AB Power Amplifier
More results


Similar Description - PT2308P-C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
2.5W 횞 2 Class AB Audio Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
logo
SONiX Technology Compan...
SNAP01 SONIX-SNAP01 Datasheet
153Kb / 15P
Class AB Power Amplifier
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
2W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
PT2308P PTC-PT2308P_09 Datasheet
273Kb / 8P
2-Channel 300mW Class AB Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
ETK4800 YONGFUKANG-ETK4800 Datasheet
209Kb / 3P
2-channel class AB headphone amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com