Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6908 Datasheet (PDF) - Monolithic Power Systems

MP6908 Datasheet PDF - Monolithic Power Systems
Part # MP6908
Download  MP6908 Download
File Size   768.03 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding

MP6908 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6908 Datasheet PDF - Monolithic Power Systems

Part # MP6908
Download  MP6908 Click to download

File Size   768.03 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding

MP6908 Datasheet (HTML) - Monolithic Power Systems


MP6908 Product details

DESCRIPTION
The MP6908 is a low-drop diode emulator IC
that, when combined with an external switch,
replaces Schottky diodes in high-efficiency
flyback converters. The MP6908 regulates the
forward drop of an external synchronous
rectifier (SR) MOSFET to about 40mV, which
switches off once the voltage becomes negative.
The MP6908 can generate its own supply
voltage for battery charging applications with
potential low output voltage, and at short circuit
output condition, or for high-side SR
configuration. Programmable ringing detection
circuitry prevents the MP6908 from turning on
falsely at Vds oscillations during discontinuous
conduction mode (DCM) and quasi-resonant
operation.
The MP6908 is available in a space-saving
TSOT23-6 package.

FEATURES
 Wide Output Range down to 0V, No Short
Circuit Current Flows through Body Diode
 No Need for Auxiliary Winding for High-Side
or Low-Side Rectification
 Ringing Detection Prevents False Turn-On
during DCM and Quasi-Resonant
Operations
 Works with Standard and Logic Level SR
MOSFETS
 Compatible with Energy Star
 ~30ns Fast Turn-Off and Turn-On Delay
 ~100µA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Supports both High-Side and Low-Side
Rectification
 TSOT23-6 Package Available

APPLICATIONS
 USB PD Quick Chargers
 Adaptors
 Flyback Power Supplies with Very Low
and/or Variable Output Voltage




Similar Part No. - MP6908

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6908 MPS-MP6908 Datasheet
78Kb / 4P
High Efficiency Synchronous Rectification EV Board
1/26/2018 Rev. 1.0
MP6908GJ MPS-MP6908GJ Datasheet
768Kb / 14P
Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
Rev. 1.2
MP6908GJ-Z MPS-MP6908GJ-Z Datasheet
78Kb / 4P
High Efficiency Synchronous Rectification EV Board
1/26/2018 Rev. 1.0
More results


Similar Description - MP6908

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
Fast Turn-off Thyristor
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789_1 Datasheet
231Kb / 1P
INDUCTOR PFC WITH AUXILIARY WINDING
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
Fast Turn-off Intelligent Controller
MP6910 MPS-MP6910 Datasheet
202Kb / 10P
Fast Turn-off Intelligent Rectifier
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
MP6922A MPS-MP6922A Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com