Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6908 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
4
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Operating Current vs. Temperature
VDD = 9V, CLOAD = 2.2nF, FSW = 100kHZ
Operating Current vs. Temperature
VDD = 5V, CLOAD = 2.2nF, FSW = 100kHz
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
-50
-25
0
25
50
75
100
125
Temperature (°C)
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
-50
-25
0
25
50
75
100
125
Temperature (°C)
Quiescent Current vs. Temperature
VDD = 5V
Turn-On Delay vs. Temperature
VDD = 9V, CLOAD = 2.2nF
90
92
94
96
98
100
102
104
106
108
110
-50
-25
0
25
50
75
100
125
Temperature (°C)
10
12
14
16
18
20
22
24
26
28
30
32
34
36
-50
-25
0
25
50
75
100
125
Temperature (°C)
Turn-Off Delay vs. Temperature
VDD = 9V, CLOAD = 2.2nF
Forward Regulation Voltage (VSS - VD)
vs. Temperature
10
12
14
16
18
20
22
24
26
28
30
32
34
36
-50
-25
0
25
50
75
100
125
Temperature (°C)
30
32
34
36
38
40
42
44
46
48
50
-50
-25
0
25
50
75
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com