Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6908 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
2
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP6908GJ
TSOT23-6
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP6908GJ–Z)
TOP MARKING
AZE: Product code of MP6908GJ
Y: Year code
PACKAGE REFERENCE
TOP VIEW
VSS
HVC
1
2
3
4
6
MP6908
TSOT23-6
5
VDD
VG
SLEW
VD
TSOT23-6
ABSOLUTE MAXIMUM RATINGS (1)
VDD, VG to VSS.......................... -0.3V to +14V
VD, HVC to VSS ........................... -1V to +180V
SLEW to VSS ............................. -0.3V to +6.5V
Continuous power dissipation (TA = +25°C)
(2)
……………………………………………….0.56W
Junction temperature ............................... 150°C
Lead temperature (solder) ....................... 260°C
Storage temperature................ -55°C to +150°C
Recommended Operation Conditions
(3)
VDD to VSS....................................... 4V to 13V
VD, HVC to VSS ........................... -1V to +150V
Maximum junction temperature (TJ) ......... 125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-6............................220 .... 110 ....°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com