Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-2F2M-UB-R Datasheet (PDF) - Eravant

SCT-2F2M-UB-R Datasheet PDF - Eravant
Part # SCT-2F2M-UB-R
Download  SCT-2F2M-UB-R Download
File Size   308.33 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description 2.4 mm (F) to 2.4 mm (M) Coaxial Adapter, Right Angle

SCT-2F2M-UB-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT-2F2M-UB-R Datasheet PDF - Eravant

Part # SCT-2F2M-UB-R
Download  SCT-2F2M-UB-R Click to download

File Size   308.33 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description 2.4 mm (F) to 2.4 mm (M) Coaxial Adapter, Right Angle

SCT-2F2M-UB-R Datasheet (HTML) - Eravant


SCT-2F2M-UB-R Product details

EATURES
• Instrumentation Grade
• High Return Loss
• Low Insertion Loss
APPLICATIONS
• Test Lab
• Sub-assemblies




Similar Part No. - SCT-2F2M-UB-R

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-2F2M-UB ERAVANT-SCT-2F2M-UB Datasheet
242Kb / 2P
2.4 mm (F) to 2.4 mm (M) Coaxial Adapter
Rev. 1.2
More results


Similar Description - SCT-2F2M-UB-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014CCSF ETC2-5014CCSF Datasheet
297Kb / 1P
SMA FE. TO APC 2.4 MM M. ADAPTER
5119 ETC2-5119 Datasheet
98Kb / 1P
2.4 MM MALE TO 2.4MM FEMALE PHASE ADJUSTABLE ADAPTER
logo
Mini-Circuits
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com