Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-2F2M-UB-R Datasheet(PDF) 1 Page - Eravant

Part # SCT-2F2M-UB-R
Description  2.4 mm (F) to 2.4 mm (M) Coaxial Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SCT-2F2M-UB-R Datasheet(HTML) 1 Page - Eravant

  SCT-2F2M-UB-R Datasheet HTML 1Page - Eravant SCT-2F2M-UB-R Datasheet HTML 2Page - Eravant SCT-2F2M-UB-R Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCT-2F2M-UB-R
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.0
2.4 mm (F) to 2.4 mm (M) Coaxial Adapter, Right Angle
SCT-2F2M-UB-R is a 2.4 mm female to 2.4 mm male coaxial adapter
with a right angle (90°) that covers the frequency range of DC to 50 GHz.
This coaxial adapter offers efficient transitioning between the coaxial
connectors with a high return loss and typical insertion loss of 0.4 dB.
The impedance of the adapter is 50 Ohms. Other configurations are
available under different model numbers.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
DC
50 GHz
Insertion Loss
0.4 dB
Return Loss
20 dB
Impedance
50
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Item
Specification
Connector 1 Type
2.4 mm Female
Connector 2 Type
2.4 mm Male
Body Material
Stainless Steel
Body Finish
Passivated
Contact Material
Beryllium Copper
Insulator Material
PEI
Adaptor Body Style
Right Angle
Weight
0.2 Oz
Length
0.66” x 0.63”
Outline
CT-2F2M-R-LN1
ECCN
EAR99
FEATURES
•
Instrumentation Grade
•
High Return Loss
• Low Insertion Loss
APPLICATIONS
•
Test Lab
•
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SCT-2F2M-UB-R

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-2F2M-UB ERAVANT-SCT-2F2M-UB Datasheet
242Kb / 2P
2.4 mm (F) to 2.4 mm (M) Coaxial Adapter
Rev. 1.2
More results

Similar Description - SCT-2F2M-UB-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014CCSF ETC2-5014CCSF Datasheet
297Kb / 1P
SMA FE. TO APC 2.4 MM M. ADAPTER
5119 ETC2-5119 Datasheet
98Kb / 1P
2.4 MM MALE TO 2.4MM FEMALE PHASE ADJUSTABLE ADAPTER
logo
Mini-Circuits
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com