Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82010 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD82010 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD82010
Download  AD82010 Download
File Size   1877.12 Kbytes
Page   52 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2X20W Stereo / 1X40W Mono Filter-less Digital Audio Amplifier

AD82010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD82010 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD82010
Download  AD82010 Click to download

File Size   1877.12 Kbytes
Page   52 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2X20W Stereo / 1X40W Mono Filter-less Digital Audio Amplifier

AD82010 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD82010 Product details

Features
16/18/20/24-bit input with I2
S, Left-alignment
and Right-alignment data format
PSNR & DR(A-weighting)
Loudspeaker: 102dB (DR) @ 24V
 Multiple sampling frequencies (Fs)
32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz/176.4kHz/192kHz
System clock = 64x, 128x, 256x, 384x, 512x, 768x,
1024x Fs
256x~1024x Fs for 32kHz / 44.1kHz / 48kHz
128x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz /176.4kHz/192kHz
Supply voltage
3.0~3.3V for digital circuit
4.5V~26V for loudspeaker driver
Loudspeaker output power for Stereo
10W x 2ch into 8Ω @ 10% THD+N@13V
15W x 2ch into 8Ω @ 10% THD+N@16V
Sounds processing including:
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Power clipping
Channel mixing
User programmed noise gate with hysteresis
window DC-blocking high-pass filter
Anti-pop design
I
2C control interface with selectable device address
Internal PLL
Dynamic temperature control
Short circuit and over-temperature protection
LV Under-voltage shutdown and HV Under-voltage
detection
DC detection function
Clock detection function
Filter-less solution
 MCLK-less application

Applications
TV audio
Boom-box, CD and DVD receiver, docking system
Powered speaker
Wireless audio

Description
AD82010 is a digital audio amplifier capable of driving
a pair of 8Ω,20W or a single 4Ω,40W speaker, both
which operate with play music at a 24V supply .
Using I2C digital control interface, the user can control
AD82010’s input format selection, mute and volume
control functions. AD82010 has many built-in
protection circuits to safeguard AD82010 from
connection errors.




Similar Part No. - AD82010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820 Datasheet
237Kb / 16P
Single Supply, Rail to Rail Low Power FET-Input Op Amp
REV.B
logo
List of Unclassifed Man...
AD820 ETC1-AD820 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD820 AD-AD820 Datasheet
588Kb / 24P
Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD820 AD-AD820 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD820 AD-AD820 Datasheet
428Kb / 24P
Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
More results


Similar Description - AD82010

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
IS31AP2005-SLS2-TR ISSI-IS31AP2005-SLS2-TR Datasheet
395Kb / 19P
2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com