Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1464 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1464 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1464
Download  TD1464 Download
File Size   343.14 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 1.5A 150KHz PWM Buck DC/DC Converter

TD1464 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1464 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1464
Download  TD1464 Click to download

File Size   343.14 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 1.5A 150KHz PWM Buck DC/DC Converter

TD1464 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1464 Product details

General Description
TD1464 is a monolithic asynchronous buck regulator. The
device provides 1.5A of continuous load current over a wide
input voltage of 9V to 40V. It uses current mode control to
regulator the output voltage and provides fast transient
response.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation, and a fixed‐frequency oscillator. Anti‐ring
function is to reduce the influence of EMI.
This device, available in a SOP‐8 package, provides a very
compact system solution with minimal reliance on external
components.

Features
 Internal Power MOSFET
 1.5A continuous output current
 Up to 90% efficiency
 Input voltage range: 9V to 40V
 Fixed 150kHz frequency internal oscillator
 Current limit protection
 Anti‐ringing for lower EMI
 Over temperature protection
 SOP‐8 package

Applications
 Simple high‐efficiency step‐down regulator
 Efficient pre‐regulator for linear regulators
 On‐card switching regulators
 Positive to negative converter
 Battery charger




Similar Part No. - TD1464

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
TD1466 TECHCODE-TD1466 Datasheet
406Kb / 8P
60V, 800MA, 480kHz Non-synchronous Buck Converter
September 12, 2019.
TD1468 TECHCODE-TD1468 Datasheet
552Kb / 8P
60V, 2A, 480kHz Non-synchronous Buck Converter
November 14, 2018.
TD1469 TECHCODE-TD1469 Datasheet
662Kb / 9P
40V, 800MA, 1.2MHz synchronous Buck Converter
March 29, 2022
More results


Similar Description - TD1464

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515 ANACHIP-AP1515 Datasheet
156Kb / 6P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.0 Oct 29, 2004
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com