Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1469 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1469 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1469
Download  TD1469 Download
File Size   662.44 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 40V, 800MA, 1.2MHz synchronous Buck Converter

TD1469 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1469 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1469
Download  TD1469 Click to download

File Size   662.44 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 40V, 800MA, 1.2MHz synchronous Buck Converter

TD1469 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1469 Product details

General Description
TD1469 is a 800mA synchronous buck converter with
integrated power MOSFETs. The TD1469 design with a
current-mode control scheme, can convert wide input
voltage of 7V to 40V to the output voltage adjustable from
0.8V to 90%VIN to provide excellent output voltage
regulation.
The TD1469 equipped with Power-on-reset, soft start and
whole protections (under-voltage, over temperature and
current-limit) into a single package.
This device, available SOT-23-6 provides a very compact
system solution of external components and PCB area

Features
⚫ Wide Input Voltage from 7V to 40V
⚫ 800mA Output Current
⚫ High Efficiency over 85% from Load Current 50mA
to 100mA @ VOUT>=5V
⚫ Low EMI Converter
⚫ Adjustable Output Voltage from 0.8V to 90%VIN
⚫ Integrated High/Low Side MOSFET
⚫ 1.2M Switching Frequency
⚫ Stable with Low ESR Capacitors
⚫ Power-On-Reset Detection
⚫ Over-Temperature Protection
⚫ Current-Limit Protection
⚫ Enable/Shutdown Function
⚫ Available in SOT-23-6 packages
⚫ Lead Free and Green Devices Available (RoHS
compliant).

Applications
⚫ Smart Electronic equipments




Similar Part No. - TD1469

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1464 TECHCODE-TD1464 Datasheet
343Kb / 9P
1.5A 150KHz PWM Buck DC/DC Converter
June, 11, 2019.
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
TD1466 TECHCODE-TD1466 Datasheet
406Kb / 8P
60V, 800MA, 480kHz Non-synchronous Buck Converter
September 12, 2019.
TD1468 TECHCODE-TD1468 Datasheet
552Kb / 8P
60V, 2A, 480kHz Non-synchronous Buck Converter
November 14, 2018.
More results


Similar Description - TD1469

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
MP2109 MPS-MP2109 Datasheet
298Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
1.5 MHz, 800mA Synchronous Buck Converter
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
60V 800mA 480KHz synchronous Buck Converter
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
40V, 800mA, 1.2MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com