Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD6810D Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD6810D Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD6810D
Download  TD6810D Download
File Size   786.37 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 5.5V, 1A, 2MHz Synchronous Buck Converter

TD6810D Datasheet (PDF)

Go To PDF Page Download Datasheet
TD6810D Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD6810D
Download  TD6810D Click to download

File Size   786.37 Kbytes
Page   9 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 5.5V, 1A, 2MHz Synchronous Buck Converter

TD6810D Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD6810D Product details

General Description
The TD6810D is a high-efficiency monolithic synchronous
buck regulator using a constant frequency, current mode
architecture. The device is available in an adjustable version.
Supply current with no load is 70μA and drops to <1uA in
shutdown. The 2.5V to 5.5V input voltage range makes the
TD6810D ideally suited for single Li-Ion battery powered
applications. 100% duty cycle provides low dropout
operation, extending battery life in portable systems.
PWM/PFM mode operation provides very low output ripple
voltage for noise sensitive applications.
Switching frequency is internally set at 2MHz, allowing the
use of small surface mount inductors and capacitors. Low
output voltages are easily supported with the 0.6V feedback
reference voltage.
TD6810D is available in SOT23-5L packages.

Features
⚫ Up to 96% peak efficiency
⚫ Up to 1A output current
⚫ 2.5V to 5.5V operating input range
⚫ Feedback voltage, VFB:0.6V±1%
⚫ Quiescent Current, IQ:70uA
⚫ PFM Mode for High Efficiency in Light Load
⚫ 2MHz switching frequency
⚫ No Schottky Diode Required
⚫ Low Dropout Operation:100% Duty Cycle
⚫ Inrush Current Limit and Soft Start
⚫ With enabling pin
⚫ With input over-voltage protection, under-voltage
protection, peak current limit, output short-circuit
protection, and over-temperature protection

Application
⚫ Set Top Box
⚫ Wireless and DSL Modems
⚫ Portable Instruments




Similar Part No. - TD6810D

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
More results


Similar Description - TD6810D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com