Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606 Datasheet (PDF) - Analog Devices

ADL5606 Datasheet PDF - Analog Devices
Part # ADL5606
Download  ADL5606 Download
File Size   424.12 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1800 MHz to 2700 MHz, 1 W RF Driver Amplifier

ADL5606 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5606 Datasheet PDF - Analog Devices

Part # ADL5606
Download  ADL5606 Click to download

File Size   424.12 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1800 MHz to 2700 MHz, 1 W RF Driver Amplifier

ADL5606 Datasheet (HTML) - Analog Devices


ADL5606 Product details

FEATURES
Operation from 1800 MHz to 2700 MHz Gain of 24.3 dB at 2140 MHz OIP3 of 45.5 dBm at 2140 MHz P1dB of 30.8 dBm at 2140 MHz
Noise figure of 4.7 dB at 2140 MHz Power supply: 5 V
Power supply current: 362 mA typical
Internal active biasing
Fast power-up/power-down function Compact 4 mm × 4 mm, 16-lead LFCSP ESD rating of ±1 kV (Class 1C) Pin-compatible with the ADL5605 (700 MHz to 1000 MHz)
APPLICATIONS
Wireless infrastructure Automated test equipment ISM/AMR applications




Similar Part No. - ADL5606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
1800 MHz to 2700 MHz
REV. 0
ADL5606 AD-ADL5606 Datasheet
611Kb / 18P
RF Driver Amplifier
Sep-2017
ADL5606-EVALZ AD-ADL5606-EVALZ Datasheet
535Kb / 20P
1800 MHz to 2700 MHz
REV. 0
ADL5606-EVALZ AD-ADL5606-EVALZ Datasheet
611Kb / 18P
RF Driver Amplifier
Sep-2017
ADL5606ACPZ-R7 AD-ADL5606ACPZ-R7 Datasheet
535Kb / 20P
1800 MHz to 2700 MHz
REV. 0
More results


Similar Description - ADL5606

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
1800 MHz to 2700 MHz
REV. 0
logo
NXP Semiconductors
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com