Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2001 Datasheet (PDF) - Tyco Electronics

PA2001 Datasheet PDF - Tyco Electronics
Part # PA2001
Download  PA2001 Download
File Size   237.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz

PA2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2001 Datasheet PDF - Tyco Electronics

Part # PA2001
Download  PA2001 Click to download

File Size   237.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz

PA2001 Datasheet (HTML) - Tyco Electronics


PA2001 Product details

Description
The PA2001 is a is a discrete hybrid design, which uses thick film solder manufacturing processes for accurate performance and high reliability.
This 2 stage GaAS FET transistor design uses feedback loops for flat broadband linear performance, with very low noise figure. The model is particularly suited for power driver applications used in the base station & repeater infrastructure, and for commercial & military radios.

Features
• LOW NOISE FIGURE: 2.0 dB (TYP.)
• GAIN: 21 dB (TYP.)
• HIGH P1dB: +30.3 dBm (TYP.)
• HIGH IP3: +46.5 dBm (TYP.)
• BROADBAND RESPONSE: 1.5 GHz TO 2.2 GHz (TYP.)




Similar Part No. - PA2001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Pulse A Technitrol Comp...
PA2001NL PULSE-PA2001NL Datasheet
789Kb / 3P
SMT Gate Drive Transformers
PA2001NL PULSE-PA2001NL Datasheet
789Kb / 3P
Higher Volt- sec capability
PA2001NL PULSE-PA2001NL Datasheet
788Kb / 3P
SMT Gate Drive Transformers
PA2001NL PULSE-PA2001NL Datasheet
1Mb / 2P
SMT AND THT GATE DRIVE TRANSFORMERS
More results


Similar Description - PA2001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
Stealth Microwave, Inc.
SM1822-42LS STEALTH_MICROWAVE-SM1822-42LS Datasheet
97Kb / 2P
1800 - 2200 MHz 15 Watt Ultra-Linear Power Amplifier
SM2025-38LS STEALTH_MICROWAVE-SM2025-38LS Datasheet
141Kb / 2P
2000-2500 MHz 6 Watt Ultra-Linear Power Amplifier
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA2003 MA-COM-PA2003 Datasheet
115Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com