Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1152 Datasheet (PDF) - Tyco Electronics

PA1152 Datasheet PDF - Tyco Electronics
Part # PA1152
Download  PA1152 Download
File Size   34.11 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier

PA1152 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA1152 Datasheet PDF - Tyco Electronics

Part # PA1152
Download  PA1152 Click to download

File Size   34.11 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier

PA1152 Datasheet (HTML) - Tyco Electronics


PA1152 Product details

Features (typical values)
   Low Noise ..................................................0.5 dB.
   High Frequency Operation. .................. 2000 MHz
   Low Current............................................... 20 mA.
   Low Cost




Similar Part No. - PA1152

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1151 MACOM-PA1151 Datasheet
69Kb / 1P
Ultra Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1157 MACOM-PA1157 Datasheet
61Kb / 1P
2000-2200 MHz. WCDMA Ultra Linear Power Amplifier
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
2300-2400 MHz. Ultra Linear Power Amplifier
More results


Similar Description - PA1152

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1221 MACOM-PA1221 Datasheet
48Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA2003 MA-COM-PA2003 Datasheet
115Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com