Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2003 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PA2003 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PA2003
Download  PA2003 Download
File Size   115.69 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra Linear Driver Amplifier 1800 to 2000 MHz

PA2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2003 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PA2003
Download  PA2003 Click to download

File Size   115.69 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra Linear Driver Amplifier 1800 to 2000 MHz

PA2003 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PA2003 Product details

Description

The PA2003 is a discrete hybrid design, which uses thick film solder manufacturing processes for accurate performance and high reliability.

This 2 stage GaAS FET transistor design uses feedback loops for flat broadband linear performance, with low noise figure. The model is particularly suited for power driver applications used in the base station & repeater infrastructure, and for commercial & military radios.



Features

• LOW NOISE FIGURE: 2.7 dB (TYP.)

• GAIN: 21 dB (TYP.)

• HIGH P1dB: +32.5 dBm (TYP.)

• HIGH IP3: +46 dBm (TYP.)

• BROADBAND RESPONSE: 1.5 GHz TO 2.2 GHz (TYP.)

 




Similar Part No. - PA2003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results


Similar Description - PA2003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1110 MACOM-PA1110 Datasheet
38Kb / 1P
1800-2000 MHz.Ultra Linear Power Amplifier
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com