Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2001 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PA2001 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PA2001
Download  PA2001 Download
File Size   107.46 Kbytes
Page   1 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz

PA2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2001 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PA2001
Download  PA2001 Click to download

File Size   107.46 Kbytes
Page   1 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz

PA2001 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PA2001 Product details

Description
The PA2001 is a is a discrete hybrid design, which uses thick film solder manufacturing processes for accurate performance and high reliability.
This 2 stage GaAS FET transistor design uses feedback loops for flat broadband linear performance, with very low noise figure. The model is particularly suited for power driver applications used in the base station & repeater infrastructure, and for commercial & military radios.

Features
• LOW NOISE FIGURE: 2.0 dB (TYP.)
• GAIN: 21 dB (TYP.)
• HIGH P1dB: +30.3 dBm (TYP.)
• HIGH IP3: +46.5 dBm (TYP.)
• BROADBAND RESPONSE: 1.5 GHz TO 2.2 GHz (TYP.)




Similar Part No. - PA2001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Pulse A Technitrol Comp...
PA2001NL PULSE-PA2001NL Datasheet
789Kb / 3P
SMT Gate Drive Transformers
PA2001NL PULSE-PA2001NL Datasheet
789Kb / 3P
Higher Volt- sec capability
PA2001NL PULSE-PA2001NL Datasheet
788Kb / 3P
SMT Gate Drive Transformers
PA2001NL PULSE-PA2001NL Datasheet
1Mb / 2P
SMT AND THT GATE DRIVE TRANSFORMERS
More results


Similar Description - PA2001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
Stealth Microwave, Inc.
SM1822-42LS STEALTH_MICROWAVE-SM1822-42LS Datasheet
97Kb / 2P
1800 - 2200 MHz 15 Watt Ultra-Linear Power Amplifier
SM2025-38LS STEALTH_MICROWAVE-SM2025-38LS Datasheet
141Kb / 2P
2000-2500 MHz 6 Watt Ultra-Linear Power Amplifier
SM2025-42LS STEALTH_MICROWAVE-SM2025-42LS Datasheet
141Kb / 2P
2000 - 2500 MHz 15 Watt Ultra-Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
PA2003 MA-COM-PA2003 Datasheet
115Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com