Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4332 Datasheet (PDF) - PMC-Sierra, Inc

PM4332 Datasheet PDF - PMC-Sierra, Inc
Part # PM4332
Download  PM4332 Download
File Size   3777.38 Kbytes
Page   446 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER

PM4332 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4332 Datasheet PDF - PMC-Sierra, Inc

Part # PM4332
Download  PM4332 Click to download

File Size   3777.38 Kbytes
Page   446 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description HIGH DENSITY 32 CHANNEL T1/E1/J1 FRAMER

PM4332 Datasheet (HTML) - PMC-Sierra, Inc


PM4332 Product details

DESCRIPTION
The PM4332 High Density 32 Channel T1/E1 Framer is a feature-rich device for use in any application requiring high density framing of T1/J1 and E1 links.
Each of the T1 and E1 framers and transmitters is independently software configurable, allowing timing master and feature selection without changes to external wiring. However, mixed framing modes are not supported. The framers must be all configured for either T1 or E1 framing.

FEATURES
• High Density 32 channel T1/E1/J1 framer.
• Software selectable between T1/J1 or E1 operation on a per device basis.
• Supports 8 Mbit/s H-MVIP on the system interface for all T1 or E1 links, a separate 8 Mbit/s H-MVIP system interface for all T1 or E1 CAS channels and a separate 8 Mbit/s H-MVIP system interface for all T1 or E1 CCS and V5.1/V5.2 channels.
• Supports a byte serial Scaleable Bandwidth Interconnect (SBI) bus interface for high density system side device interconnection of up to 32 T1 streams, 32 E1 streams.
• Provides jitter attenuation in the T1 or E1 receive and transmit directions.
• Provides three independent de-jittered T1 or E1 recovered clocks for system timing and redundancy.
• Provides per link diagnostic and line loopbacks.
• Also provides PRBS generators and detectors on each tributary for error testing at DS1, E1 and NxDS0 rates as recommended in ITU-T O.151 and O.152.
• Provides a generic 8-bit microprocessor bus interface for configuration, control and status monitoring. Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Low power 1.8V/3.3V CMOS technology. All pins are 5V tolerant.
• 324-pin fine pitch PBGA package (23mm x 23mm). Supports industrial temperature range (-40 oC to 85 oC) operation.
• Line side interface is SBI bus.
• System side interface is either H-MVIP or SBI bus.

 APPLICATIONS
• Multiservice Switches
• Voice Gateways
• Wireless Base Station Controllers
• Edge Routers
• Multiservice Add-Drop Multiplexers
• Digital Access Cross-Connect Systems




Similar Part No. - PM4332

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PM433-155.52M CONNOR-WINFIELD-PM433-155.52M Datasheet
145Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results


Similar Description - PM4332

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4351 PMC-PM4351 Datasheet
85Kb / 2P
Combined E1/T1/J1 Transceiver/Framer
PM4354 PMC-PM4354 Datasheet
64Kb / 4P
Four Channel Combined E1/T1/J1 Transceiver/Framer
PM4354 PMC-PM4354 Datasheet
3Mb / 463P
FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
PMC-Sierra, Inc
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com